Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMX55161A-80GBM Datasheet(PDF) 1 Page - Austin Semiconductor

Part # SMX55161A-80GBM
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMX55161A-80GBM Datasheet(HTML) 1 Page - Austin Semiconductor

  SMX55161A-80GBM Datasheet HTML 1Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 2Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 3Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 4Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 5Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 6Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 7Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 8Page - Austin Semiconductor SMX55161A-80GBM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
SMJ55161A
Rev. 1.6
03/05
FEATURES
• Organization:
– DRAM: 262 144 by 16 Bits
– SAM: 512 by 16 Bits
• Dual-Port Accessibility – Simultaneous and Asynchronous
Access From the DRAM and SAM Ports
• Bidirectional Data-Transfer Function From the DRAM to
the Serial-Data Register, and from Serial Data Register to DRAM
• (8 x 8) x 2 Block Write feature for fast area fill
• Write-Per-Bit Feature for Selective Write to Each RAM I/O; Two
Write-Per-Bit Modes to Simplify System Design
• Byte-Write Control (CASL, CASU) Provides Flexibility
• Extended Data Output for Faster System Cycle Time
• Enhanced Page-Mode Operation for Faster Access
• CAS-Before-RAS (CBR) and Hidden-Refresh Modes
• Long Refresh Period: Every 8 ms (Maximum)
• Up to 50-MHz Uninterrupted Serial-Data Streams
• 512 Selectable Serial-Register Starting Locations
• SE-Controlled Register-Status QSF
• Split-Register-Transfer Read for Simplified Real-Time Register
Load
• Programmable Split-Register Stop Point
• 3-State Serial Outputs Allow Easy Multiplexing of Video-Data
Streams
• Pin-out Compatible upgrade from SM55161
• Compatible With JEDEC Standards
262144 x 16 BIT VRAM
MULTIPORT VIDEO RAM
PIN ASSIGNMENT
(Top View)
64-Pin Ceramic Flatpack (HKC)
OPTIONS
MARKING
• Timing
70ns access
-70
75ns access
-75
80ns access
-80
• Package
68 pin PGA
GB
64 pin Flatpack
HKC
• Operating Temperature Ranges
- Military (-55oC to +125oC)
M suffix
- Industrial (-40oC to +85oC)
I suffix
For more products and information
please visit our web site at
www.austinsemiconductor.com
AVAILABLE AS MILITARY
SPECIFICATIONS
• Military Processing Flow(SM Level)
• -55C to 125C temperature
PIN DESCRIPTIONS
PIN
DESCRIPTION
A0-A8
Address inputs
CASL\, CASU\
Column-Address Strobe/Byte Selects
DQ0-DQ15
DRAM Data I/O, Write Mask Data
Special Function Select
DSF
Special-Function Select
NC/GND
No Connect/Ground (NOTE: Not
connected internally to VSS)
QSF
Special-Function Output
RAS\
Row-Address Strobe
SC
Serial Clock
SE\
Serial Enable
SQ0-SQ15
Serial-Data Output
TRG\
Output Enable, Transfer Select
VCC
5V Supply (TYP)
VSS
Ground
WE\
DRAM Write-Enable Select


Similar Part No. - SMX55161A-80GBM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX5000XLRT3U TRIPPLITE-SMX5000XLRT3U Datasheet
508Kb / 5P
   SmartPro 230V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
   SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
More results

Similar Description - SMX55161A-80GBM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com