Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87075C-006 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 87075C-006
Description  75-Ohm Multiport Test Sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

87075C-006 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  87075C-006 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 87075C-006 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Transmission/reflection (T/R) calibration (user)
Agilent 85036B/E Type-N calibration kit
1. These specifications are valid for reflection (one-port) and transmission
(enhanced-response) Test Set Cals, and apply under the following conditions:
measurement uses the “Fine” (15 Hz) bandwidth, no averaging, and isolation cal
“on”; Test Set Cals use the “Fine” (15 Hz) bandwidth, 16 averages, and assume an
isolation calibration has been performed; the test set must be used with a
75-Ohm 8712ET, 8712ES, 8714ET, or 8714ES network analyzer with firmware revi-
sion E.06.00 or later; the test set and the analyzer must have had their perfor-
mance verified within the last year; both instruments must have warmed up for at
least 30 minutes after turn-on; measurements are made at an environmental
temperature of 25 °C ± 5 °C and within ± 1 °C of the last valid Test Set Cal.
2. Corrected system performance is changed to typical when the current tempera-
ture has drifted beyond ± 1 °C of the last valid Test Set Cal. Typicals are valid only
when the current temperature is within 25 °C ± 5 °C, and within ± 1 °C of the
most recent SelfCal.
Specification1 (dB)
Typical2 (dB)
Parameter
3 MHz to 1.3 GHz
3 MHz to 1.3 GHz
Directivity
40
Source match
35
Load match (reflection calibration)
20
25
Load match (transmission calibration)
15
20
Reflection tracking
±0.1
Transmission tracking
±0.1
5
System performance


Similar Part No. - 87075C-006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8707 ETC2-8707 Datasheet
395Kb / 1P
   CAPTIVE PANEL SCREWS
More results

Similar Description - 87075C-006

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87050E HP-87050E Datasheet
1Mb / 20P
   50 Ohm Multiport Test Sets
E5071C HP-E5071C Datasheet
3Mb / 65P
   Configurable Multiport Test Set
logo
Pomona Electronics
5898 POMONA-5898 Datasheet
24Kb / 1P
   Replacement Test Lead Sets
logo
Pasternack Enterprises,...
PE3CA1031 PASTERNACK-PE3CA1031 Datasheet
354Kb / 4P
   75 Ohm N Male to 75 Ohm F Male Cable Using 75 Ohm Armored Test Coax, RoHS
logo
Mini-Circuits
CBL-6FM-75 MINI-CBL-6FM-75 Datasheet
285Kb / 2P
   75廓 Test Cable
CBL-1MFM-75 MINI-CBL-1MFM-75 Datasheet
278Kb / 2P
   75廓 Test Cable
CBL-2FM-75 MINI-CBL-2FM-75 Datasheet
283Kb / 2P
   75廓 Test Cable
CBL-3FM-75 MINI-CBL-3FM-75 Datasheet
278Kb / 2P
   75廓 Test Cable
logo
List of Unclassifed Man...
8241F ETC2-8241F Datasheet
102Kb / 3P
   75 Ohm Coax
logo
M/A-COM Technology Solu...
MACP-008764-CH0370-V1 MA-COM-MACP-008764-CH0370-V1 Datasheet
96Kb / 3P
   75 Ohm Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com