Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4991A-001 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # E4991A-001
Description  RF Impedance/Material Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4991A-001 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button E4991A-001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
Figure 5. Q Measurement accuracy when open/short/load/low-loss
capacitor calibration is performed (typical).
Measurement Support Functions
Error correction
Available calibration and compensation
Open/short/load calibration:
Connect open, short, and load standards to the
desired reference plane and measure each kind
of calibration data. The reference plane is called
the calibration reference plane.
Low-loss capacitor calibration:
Connect the dedicated standard (low-loss
capacitor) to the calibration reference plane
and measure the calibration data.
Port extension compensation (fixture selection):
When a device is connected to a terminal that is
extended from the calibration reference plane,
set the electrical length between the calibration
plane and the device contact. Select the model
number of the registered test fixtures in the
E4991A’s setup toolbar or enter the electrical
length for the user’s test fixture.
Open/short compensation:
When a device is connected to a terminal that
is extended from the calibration reference plane, make
open and/or short states at the device contact and
measure each kind of compensation data.
Calibration/compensation data measurement point
User-defined point mode:
Obtain calibration/compensation data at
the same frequency and power points as used
in actual device measurement, which are
determined by the sweep setups. Each set of
calibration/compensation data is applied to each
measurement at the same point. If measurement
points (frequency and/or power) are changed
by altering the sweep setups, calibration/
compensation data become invalid and calibration
or compensation data acquisition is again required.


Similar Part No. - E4991A-001

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E4991B KEYSIGHT-E4991B Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-002 KEYSIGHT-E4991B-002 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-007 KEYSIGHT-E4991B-007 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-010 KEYSIGHT-E4991B-010 Datasheet
7Mb / 42P
   Impedance Analyzer
More results

Similar Description - E4991A-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM-160808-R22K ETC-FLM-160808-R22K Datasheet
16Kb / 1P
   HP 4291B RF impedance/material analyzer
logo
Keysight Technologies
E4990A KEYSIGHT-E4990A Datasheet
4Mb / 30P
   Impedance Analyzer
E4990A-001 KEYSIGHT-E4990A-001 Datasheet
4Mb / 30P
   Impedance Analyzer
E4991B-002 KEYSIGHT-E4991B-002 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-007 KEYSIGHT-E4991B-007 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B KEYSIGHT-E4991B Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-010 KEYSIGHT-E4991B-010 Datasheet
7Mb / 42P
   Impedance Analyzer
logo
Agilent(Hewlett-Packard...
4294A HP-4294A Datasheet
1,002Kb / 32P
   Precision Impedance Analyzer
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com