Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24758-11-03-08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M24758-11-03-08
Description  Adapter for Coaxial Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-11-03-08 Datasheet(HTML) 1 Page - Glenair, Inc.

  M24758-11-03-08 Datasheet HTML 1Page - Glenair, Inc. M24758-11-03-08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
66
M24758/11 Adapter for
Coaxial Connectors
1. The M24758/11 adapter couples coaxial connectors to M24758/2, M24758/3 or M24758/4 fittings.
2. Select an A-thread from Table II which matches that of the back of the nut on the connector being used. If none of
the A-threads match, substitute the desired A-thread information in lieu of the A-thread code in the part number.
For example, a fitting for a 0.375" conduit with a 0.5-28 A-thread of 0.313" H-length would have the part number:
M24758/11-03-0.5-28-0.313-A.
3. Metric dimensions (mm) are indicated in parentheses.
4. For complete dimensions see applicable Military Specification.
M24758/11-16-01-01-A
Material Designator:
A = Aluminum
B = Brass
C = CRES 316
Style Designator
Basic Part No.
Conduit Size Code
(See Table I)
A-Thread Code
(See Table II and Note 2)
HL
K Dia
N Dia
D Dia
A Thread
Straight Knurl
(Medium Coarse)
C Thread
.25
(6.4)


Similar Part No. - M24758-11-03-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
More results

Similar Description - M24758-11-03-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
M24758-11C02 GLENAIR-M24758-11C02 Datasheet
50Kb / 2P
   Adapter for Coaxial Connectors
M24758-13-02-03 GLENAIR-M24758-13-02-03 Datasheet
132Kb / 2P
   Adapter for Connectors
M24758-13-16-08 GLENAIR-M24758-13-16-08 Datasheet
121Kb / 2P
   Adapter for Connectors
M24758-12-02-07 GLENAIR-M24758-12-02-07 Datasheet
118Kb / 2P
   Adapter for Connectors
M24758-12-16-01 GLENAIR-M24758-12-16-01 Datasheet
80Kb / 2P
   Adapter for Connectors
M24758-10-02-01 GLENAIR-M24758-10-02-01 Datasheet
121Kb / 2P
   Adapter for Triaxial Connectors
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
   Waveguide to Coaxial Adapter
logo
PHOENIX CONTACT
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
   Crimping pliers for processing coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com