Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2090-6205-00 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2090-6205-00
Description  Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2090-6205-00 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2090-6205-00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2090-6205-00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2090-6205-00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. V3
2090 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Good Amplitude and Phase Balance
• High Isolation Between Output Ports
• Low VSWR, Small Size and Light Weight
• Octave, Multi-Octave and Decade Frequency Coverage
• Low Insertion Loss
• Power: 80 Watts Maximum
• Meets MIL-E-5400 Environments
Description
Power Dividers are compact stripline units with wide
bandwidth and multiple outputs. Tapered line transformers
and internal terminations provide low VSWR at all ports
and high isolation between all output ports. Phase and
amplitude tracking of all outputs is excellent due to the
symmetrical designs.
Combinations of three-way and
two-way power dividers in one package are available for
custom applications.
Outline Drawing
Typical Performance Part No. 2090-6309-00
Part Number
Freq.
Range
(GHz)
Insertion
Loss Max
(dB)
Isolation
dB (min)
VSWR
(max)
Ouput
Unbalanced
Amp. (dB)
Output
Unbalance
Phase
(deg.)
Max
Input
Power*
(watts)
Size,
Inch
(mm)
A
Size,
Inch
(mm)
B
Weight
Oz.
Weight
g
2090-6304-00
0.5-18.0
0.4 + .24f
18
1.6
0.5†
**
80
11.0
(280)
9.84
(250.0)
11.4
322
2090-6309-00
4.0-18.0
0.5 + 0.08f
18
1.5
0.5
**
40
2.02
(51.3)
2.1
60
Fig
1
1
Specifications
* Maximum input power with output loads of VSWR ≤2.0:1. Derate to 10% of listed value when arbitrarily terminated.
** Not phase matched.
† 0.5 dB (0.5 to 10 GHz), 1.0 dB (10 to 18 GHz)
Note: f is frequency in GHz.
Three-Way Isolated Power Dividers Tapered,
Ultra-Broadband


Similar Part No. - 2090-6205-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2090-6205-00 MACOM-2090-6205-00 Datasheet
70Kb / 1P
   Two-Way Isolated Power Dividers Tapered, Ultra Broadband
logo
M/A-COM Technology Solu...
2090-6205-00 MA-COM-2090-6205-00 Datasheet
472Kb / 4P
   Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
More results

Similar Description - 2090-6205-00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2090SERIES MA-COM-2090SERIES Datasheet
135Kb / 3P
   Three-Way Isolated Power Dividers Tapered Ultra-Broadband
2090 MA-COM-2090_15 Datasheet
472Kb / 4P
   Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
logo
Tyco Electronics
2090 MACOM-2090 Datasheet
70Kb / 1P
   Two-Way Isolated Power Dividers Tapered, Ultra Broadband
logo
M/A-COM Technology Solu...
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
M/A-COM Technology Solu...
2089 MA-COM-2089 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com