Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ44C251B-12HMM Datasheet(PDF) 6 Page - Austin Semiconductor

Part # SMJ44C251B-12HMM
Description  256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44C251B-12HMM Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button SMJ44C251B-12HMM Datasheet HTML 2Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 3Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 4Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 5Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 6Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 7Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 8Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 9Page - Austin Semiconductor SMJ44C251B-12HMM Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
VRAM
VRAM
VRAM
VRAM
VRAM
SMJ44C251B
MT42C4256
Austin Semiconductor, Inc.
SMJ44C251B/MT42C4256
Rev. 0.1 12/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
WRITE-MASK SELECT, WRITE ENABLE (W\)
(continued)
For transfer operation, W\ selects either a read-transfer
operation (DRAM to SAM) or a write-transfer operation (SAM
to DRAM). During a transfer cycle, if W is high when RAS\
falls, a read transfer occurs; if W is low, a write transfer occurs.
SPECIAL FUNCTION SELECT (DSF)
DSF is latched on the falling edge of RAS\ or CAS\, similar
to an address. DSF determines which of the following functions
are invoked on a particular cycle:
Persistent write-per-bit
Block write
Split-register transfer read
Mask-register load for the persistent write-per-bit mode
Color-register load for the block-write mode
DRAM DATA I/O, WRITE-MASK DATA (DQ0–DQ3)
DRAM data is written via DQ terminals during a write or
read-modify-write cycle. In an early-write cycle, W\ is brought
low prior to CAS\ and the data is strobed in by CAS\ with data
setup and hold times referenced to this signal. In a delayed-
write or read-modify-write cycle, W\ is brought low after CAS\
and the data is strobed in by W\ with data setup and hold times
referenced to this signal.
The 3-state DQ output buffers provide direct TTL
compatibility (no pullup resistors) with a fanout of two Series 54
TTL loads. Data out is the same polarity as data in. The outputs
are in the high-impedance (floating) state as long as CAS\ and
TRG\ are held high. Data does not appear at the outputs until
both CAS\ and TRG\ are brought low. Once the outputs are
valid, they remain valid while CAS\ and TRG\ are low. CAS\ or
TRG\ going high returns the outputs to the high-impedance
state. In a register-transfer operation, the DQ outputs remain in
the high-impedance state for the entire cycle.
The write-per-bit mask is latched into the device via the
random DQ terminals by the falling edge of RAS\. This mask
selects which of the four random I/Os are written.
SERIAL DATA I/O (SDQ0–SDQ3)
Serial inputs and serial outputs share common I/O
terminals. Serial-input or serial-output mode is determined by
the previous transfer cycle. If the previous transfer cycle was a
read transfer, the data register is in serial-output mode. While in
serial-output mode, data in SAM is accessed from the least
significant bit to the most significant bit. The data registers
operate modulo 512; so after bit 511 is accessed, the next bits to
be accessed are 00, 01, 02, etc. If the previous transfer cycle was
either a write transfer or a pseudo transfer, the data register is in
serial-input mode and signal data can be input to the register.
SERIAL CLOCK (SC)
Serial data is accessed in or out of the data register on the
rising edge of SC. The SMJ44C251B/MT42C4256 is designed
to work with a wide range of clock-duty cycles to simplify
system design. There is no refresh requirement because the
data registers that comprise the SAM are static. There is also
no minimum SC clock operating frequency.
SERIAL ENABLE (SE\)
During serial-access operations SE\ is used as an enable/
disable for SDQ in both the input and output modes. If SE\ is
held as RAS\ falls during a write-transfer cycle, a pseudo-
transfer write occurs. There is no actual transfer, but the data
register switches from the output mode to the input mode.
NO CONNECT/GROUND (NC/GND)
NC/GND is reserved for the manufacturer’s test operation.
It is an input and should be tied to system ground or left
floating for proper device operation.
SPECIAL FUNCTION OUTPUT (QSF)
During split-register operation the QSF output indicates
which half of the SAM is being accessed. When QSF is low, the
serial-address pointer is accessing the lower (least significant)
256 bits of SAM. When QSF is high, the serial-address pointer
is accessing the higher (most significant) 256 bits of SAM. QSF
changes state upon crossing the boundary between the two
SAM halves in the split-register mode.
During normal transfer operations QSF changes state upon
completing a transfer cycle. This state is determined
by the tap point being loaded during the transfer cycle.
POWER UP
To achieve proper device operation, an initial pause of
200ms is required after power-up, followed by a minimum of
eight RAS\ cycles or eight CBR cycles, a memory-to-register
transfer cycle, and two SC cycles.


Similar Part No. - SMJ44C251B-12HMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
More results

Similar Description - SMJ44C251B-12HMM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
   256K x 4 DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
logo
ATMEL Corporation
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com