Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190-01610SL-5 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 190-01610SL-5
Description  Composite Jam Nut Receptacle, Composite Box Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

190-01610SL-5 Datasheet(HTML) 1 Page - Glenair, Inc.

  190-01610SL-5 Datasheet HTML 1Page - Glenair, Inc. 190-01610SL-5 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
190-015 Composite Plug,
190-016 Composite Jam Nut Receptacle
& 190-019 Composite Box Mount Receptacle
A Dia (Typ)
Internal Mechanical
Strain Relief
Cable
Range
Gland Seal
Master Keyway
D Thread
Sym M
Molding Adapter
Option
Castellation Style
Mfr. Option (Typ.)
2.10 (53.3) Max
.125 (3.2) Typ.
Cable
Range
190-015 Plug Assembly
3.00 (76.2) Max
For Environmental Dust
Covers Ref. Glenair P/N
667-009 (plug) and
667-010 (receptacle)
40% Glass Filled
Ryton Engineering
Composite
Thermoplastic
K
L
Polarizing Key
H
Insert arrangement with solder pot contacts, see
face views and part number development or Note 1
Recommended
Panel Cutout
J
190-016
Jam Nut
Receptacle
Assembly
190-019
Box Mount
Receptacle
Assembly
C Thread
O-Ring
Panel .156 (4.0) Max
.030 (.8) Min
.540 (13.7)
B Thread
D Thread
G Dia
1.620 (41.1)
Max
NOTE:
1. Insert arrangement with
solder pot contacts, see face
views and part number
development
See Note 1
Metric dimensions (mm) are indicated in parentheses
E Hole
Thru
B
Polarizing Key
C
A
D Thread
G.M.P.T
H
F
M = Molding Adapter, (190-015 and 190-016 Only)
Omit for None
Alternate Insert Position (See Page 27)
N for Normal
Contact Style - P = Pins, S = Sockets
Basic Part Number
190-015 = Plug Assy
190-016 = Jam Nut Receptacle Assy
190-019 = Box Mount Receptacle Assy
Shell Size
Insert Arrangement Dash No.
190-015-14S-5 P N M


Similar Part No. - 190-01610SL-5

ManufacturerPart #DatasheetDescription
logo
Altech corporation
190-002 ALTECH-190-002 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
190-005 ALTECH-190-005 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
logo
Glenair, Inc.
190-007-6-10SL-5PW GLENAIR-190-007-6-10SL-5PW Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-6-10SL-5PWC GLENAIR-190-007-6-10SL-5PWC Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-6-10SL-5PWM GLENAIR-190-007-6-10SL-5PWM Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
More results

Similar Description - 190-01610SL-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IPT07Y18-11SZ GLENAIR-IPT07Y18-11SZ Datasheet
241Kb / 2P
   Rear Box Mount Jam Nut Receptacle
IPT07A18-11SZC GLENAIR-IPT07A18-11SZC Datasheet
226Kb / 2P
   Rear Box Mount Jam Nut Receptacle Connector
220-07H10 GLENAIR-220-07H10_09 Datasheet
312Kb / 1P
   Rear Mounted Jam Nut Box Mount Receptacle
900-014NF25-1P1 GLENAIR-900-014NF25-1P1 Datasheet
309Kb / 2P
   Receptacle, Jam-Nut Mount
180_091 GLENAIR-180_091_08 Datasheet
342Kb / 2P
   Jam Nut Mount Receptacle
947-050 GLENAIR-947-050_15 Datasheet
212Kb / 2P
   Jam Nut Mount Shorting Receptacle
240-382J GLENAIR-240-382J Datasheet
99Kb / 2P
   Jam Nut Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com