Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24758-11-06-12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M24758-11-06-12
Description  Adapter for Coaxial Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-11-06-12 Datasheet(HTML) 2 Page - Glenair, Inc.

  M24758-11-06-12 Datasheet HTML 1Page - Glenair, Inc. M24758-11-06-12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
67
C
Thread
(Class 2A)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.250 - 18 UNEF
1.563 - 18 UNEF
1.875 - 16 UN
2.375 - 16 UN
2.875 - 16 UN
3.375 - 16 UN
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
L
±.02
(.5)
.210
(5.3)
.250
(6.4)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.370
(9.4)
.370
(9.4)
.430 (10.9)
.430 (10.9)
.430 (10.9)
.430 (10.9)
K
Dia
Min.
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
N
Dia
±.02
(.5)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.187 (30.1)
1.500 (38.1)
1.812 (46.0)
2.125 (54.0)
2.625 (66.7)
3.125 (79.4)
3.625 (92.1)
C
Thread
(Class 2A)
0.375 - 32 UNEF
0.438 - 28 UNEF
0.625 - 24 UNEF
0.688 - 24 UNEF
0.938 - 20 UNEF
0.813 - 20 UNEF
A
Thread
Code
02
04
06
08
10
12
TABLE II (A Thread and Fitting Dimensions)
H
±.03
(.8)
.210
(5.3)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.310
(7.9)
.310
(7.9)
D
Dia
±.02
(.5)
.226
(5.7)
.345
(8.8)
.433 (11.0)
.568 (14.4)
.650 (16.5)
.895 (22.7)
OD
.195
(5.0)
.216
(5.5)
.332
(8.4)
.332
(8.4)
.332
(8.4)
.420 (10.7)
.425 (10.8)
.545 (13.8)
.545 (13.8)
.625 (15.9)
.630 (16.0)
.870 (22.1)
Type
RG-58
RG-223
RG-5
RG-6
RG-21
RG-9
RG-214
RG-14
RG-293
RG-57
RG-294
RG-7
Coaxial Cable
M24758/11 Adapter for
Coaxial Connectors


Similar Part No. - M24758-11-06-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
More results

Similar Description - M24758-11-06-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
M24758-11C02 GLENAIR-M24758-11C02 Datasheet
50Kb / 2P
   Adapter for Coaxial Connectors
M24758-13-02-03 GLENAIR-M24758-13-02-03 Datasheet
132Kb / 2P
   Adapter for Connectors
M24758-13-16-08 GLENAIR-M24758-13-16-08 Datasheet
121Kb / 2P
   Adapter for Connectors
M24758-12-02-07 GLENAIR-M24758-12-02-07 Datasheet
118Kb / 2P
   Adapter for Connectors
M24758-12-16-01 GLENAIR-M24758-12-16-01 Datasheet
80Kb / 2P
   Adapter for Connectors
M24758-10-02-01 GLENAIR-M24758-10-02-01 Datasheet
121Kb / 2P
   Adapter for Triaxial Connectors
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
   Waveguide to Coaxial Adapter
logo
PHOENIX CONTACT
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
   Crimping pliers for processing coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com