Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-007H2-12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 257-007H2-12
Description  Connector Receptacle Assembly Stainless Steel Harsh Environment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-007H2-12 Datasheet(HTML) 1 Page - Glenair, Inc.

  257-007H2-12 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
33
257-007
Connector Receptacle Assembly
Stainless Steel Harsh Environment
Product Series
Basic Number
H = Hermetic
(Omit for Standard,
substitute dash)
2 = Receptacle Assembly
Shell Size (Table I)
257 - 007 H 2 - 14S - 5 P W M
M = Molding Adapter
(Omit for None)
Alternate Insert Position, See Page 2
(Omit for Normal)
Contact Style:
P = Pin
S = Socket (Non-Hermetic only)
Insert Arrangement Dash No., See Page 28
RECOMMENDED
PANEL CUT-OUT
E
O-Ring
1.620
(41.1)
Max
A Thread
.540
(13.7)
.156 (4.0) Max .030 (0.8) Min Panel
Polarizing Key
Insert Arrangement with Solder
Pot Contacts (Page 28)
C Thread
D Dia
B Thread
G
H
F
F
+ .010 (0.3)
-.000 (0)
.710 (18.0)
.835 (21.2)
.965 (24.5)
1.210 (30.7)
1.460 (37.1)
1.710 (43.4)
1.960 (49.8)
Shell
Size
10SL
12
14S
18
20
24
28
A Thread
Class 2A
.625 - .1P-1L
.750 - .1P-1L
.875 - .1P-1L
1.125 - .1P-1L
1.250 - .1P-1L
1.500 - .1P-1L
1.750 - .1P-1L
D Dia
Max
1.100 (27.9)
1.250 (31.8)
1.450 (36.8)
1.750 (44.5)
2.030 (51.6)
2.340 (59.4)
2.550 (64.8)
TABLE I
E Dia
+ .010 (0.3)
-.000 (0)
.760 (19.3)
.885 (22.5)
1.010 (25.7)
1.260 (32.0)
1.510 (38.4)
1.760 (44.7)
2.010 (51.1)
B Thread
Class 2A
3/4 - 20 UNEF
7/8 - 20 UNEF
1 - 20 UNEF
1 1/4 - 18 UNEF
1 1/2 - 18 UNEF
1 3/4 - 18 UNEF
2 - 18 UNEF
G
Flats
.938 (23.8)
1.062 (27.0)
1.250 (31.8)
1.500 (38.1)
1.750 (44.5)
2.000 (50.8)
2.187 (55.5)
C Thread
Class 2A
5/8 - 24 UNEF
3/4 - 20 UNEF
7/8 - 20 UNEF
1 1/8 - 16 UN
1 1/4 - 16 UN
1 1/2 - 16 UN
1 3/4 - 16 UN
H
Max
1.090 (27.7)
1.230 (31.2)
1.440 (36.6)
1.730 (43.9)
2.020 (51.3)
2.320 (58.9)
2.530 (64.3)
1. Metric dimensions (mm) are indicated in parentheses.
2. Electrical safety limits must be established by the user. Peak voltages, switching surges, etc., should be used to
determine the safety of the application.


Similar Part No. - 257-007H2-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-007 GLENAIR-257-007 Datasheet
104Kb / 3P
   Connector Receptacle Assembly
257-007-6-10SL GLENAIR-257-007-6-10SL Datasheet
430Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
257-007-6-12 GLENAIR-257-007-6-12 Datasheet
430Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
257-007-6-14S GLENAIR-257-007-6-14S Datasheet
430Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
257-007-6-18 GLENAIR-257-007-6-18 Datasheet
430Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
More results

Similar Description - 257-007H2-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-007-6-10SL GLENAIR-257-007-6-10SL Datasheet
430Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
257-003-6-10SL GLENAIR-257-003-6-10SL Datasheet
428Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4 POWERDYNAMICS-PD-HEC2-MCC-4 Datasheet
236Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-S POWERDYNAMICS-PD-HEC2-FPC-S Datasheet
209Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4-W POWERDYNAMICS-PD-HEC2-MCC-4-W Datasheet
224Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-FPC POWERDYNAMICS-PD-HEC-FPC Datasheet
229Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com