Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

290WS003Z1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 290WS003Z1
Description  Strain Relief Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

290WS003Z1 Datasheet(HTML) 1 Page - Glenair, Inc.

  290WS003Z1 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
43
290-003 and 290-004
Strain Relief Backshells
90°
D
E
B
NOTES
1. Standard minimum length for Style 1 is 1.5
(38.1); for Style 2 is 2.0 (50.8). Consult factory
for shorter lengths. Applicable to symbol S only.
2. When cable diameter exceeds inside diameter
of connector shell, Style 2 will be supplied.
3. Consult factory for other backshell types avail-
able for Series 22 connectors, EMI shield termi-
nations, etc.
4. Metric dimensions (mm) are indicated in paren-
theses.
Cable Sealing
Grommet
(290-004 only)
F
Cable Range
C
1.25
(31.8)
Max
DESIG-
NATOR
G
Z1
TABLE I
FINISH
Hard Coat
(Anodize)
MIL-A-8625,
Type III, Class 1
Passivate
QQ-P-35
MATERIAL
Aluminum Alloy
QQ-A-225/8
(Backshell Body)
QQ-A-591 (A380)
(Strain Relief)
Corrosive Resistant
Steel QQ-S-763 AISI
300 Series
TABLE II
MAX
ENTRY
06
06
10
12
12
16
16
24
SHELL
SIZE
10
12
14
16
18
20
22
24
A THREAD
CLASS 2B
5/8 -
24 UNEF
3/4 -
20 UNEF
7/8 -
20 UNEF
1 -
20 UNEF
1 1/8 -
16 UN
1 1/4 -
16 UN
1 3/8 -
16 UN
1 1/2 -
16 UN
B
DIA
.781 (19.8)
.906 (23.0)
1.031 (26.2)
1.156 (29.4)
1.281 (32.5)
1.406 (35.7)
1.531 (38.9)
1.656 (42.1)
Series No.
Connector Desig.
Angular Function
A = 90°
S = Straight
Basic Part Number
003 = Strain Relief
004 = Environmental
Seal/Strain Relief
Length (S Only)
(1/2 inch increments;
e.g. 6 = 3 inches)
Strain Relief Style
Dash No. (Table III)
Shell Size (Table II)
Material/Finish (Table I)
290 W A 003 Z1-16 10 H 6
E
Cable Sealing
Grommet (290-
004 only)
B
Length
(Note 1)
F
Cable
Range
O-Ring
(290-004
only)
A Thread
STYLE 1
STRAIGHT
O-Ring
(290-004 only)
A Thread
DASH
NO.
04
06
08
10
12
16
20
24
TABLE III
C
MAX
.94 (23.9)
.98 (24.9)
1.03 (26.2)
1.09 (27.7)
1.12 (28.4)
1.25 (31.8)
1.41 (35.8)
1.41 (35.8)
D
MAX
1.16 (29.5)
1.22 (31.0)
1.25 (31.8)
1.32 (33.5)
1.36 (34.5)
1.45 (36.8)
1.65 (41.9)
1.65 (41.9)
F
MAX
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.811 (20.6)
.905 (23.0)
1.092 (27.7)
1.124 (28.5)
E
MAX
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.332 (33.8)
1.551 (39.4)
1.770 (45.0)
2.113 (53.7)
2.363 (60.0)
TORQUE
± 5 IN. LBS.
80
100
120
120
140
140
140
150
MIN
.125
(3.2)
.250
(6.4)
.312
(7.9)
.350
(8.9)
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
CABLERANGE
MAX
.312
(7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.937 (23.8)
1.250 (31.8)
1.375 (34.9)
Length
(Note 1)
B
STYLE 2
STRAIGHT
(Note 2)
O-Ring
(290-004
only)


Similar Part No. - 290WS003Z1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
290WEX HAMMOND-290WEX Datasheet
205Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
290WX HAMMOND-290WX Datasheet
205Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results

Similar Description - 290WS003Z1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-48-1F GLENAIR-M85049-48-1F Datasheet
80Kb / 1P
   Rectangular Strain-Relief Backshells
M83723-35M-08A GLENAIR-M83723-35M-08A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M85049-2109A01 GLENAIR-M85049-2109A01 Datasheet
76Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35S-08A GLENAIR-M83723-35S-08A Datasheet
25Kb / 1P
   Non-Environmental Strain Relief Backshells
M85049-29-08A01A GLENAIR-M85049-29-08A01A Datasheet
76Kb / 1P
   Non-Environmental Strain Relief Backshells
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
   Strain-Relief Clamps and Environmental Backshells
507-198-E09 GLENAIR-507-198-E09 Datasheet
82Kb / 1P
   Micro-D Backshells Strain Relief, Saddle Bars
500T12-E09B GLENAIR-500T12-E09B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
507-146E09 GLENAIR-507-146E09 Datasheet
217Kb / 1P
   Micro-D Backshells Strain Relief Backshell, Round Cable Entry 507-146
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com