Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24758-05-07 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M24758-05-07
Description  Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-05-07 Datasheet(HTML) 1 Page - Glenair, Inc.

  M24758-05-07 Datasheet HTML 1Page - Glenair, Inc. M24758-05-07 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
62
M24758/9-16-06-01-A
Material Designator:
A = Aluminum
B = Brass
C = CRES 316
Style Designator
Basic Part No.
Conduit Size Code
(See Table I)
A-Thread Code
(See Table II)
M24758/9 Adapter for
MIL-C-5015 Series 3100 Connectors
1. The M24758/9 adapter couples MIL-C-5015 connectors (MS3100, MS3101, MS3106, and MS-series backshells)
to M24758/2, M24758/3 or M24758/4 fittings.
2. For MIL-C-5015, MS3400 Series, the M24758/13 adapter may be used.
2. Metric dimensions (mm) are indicated in parentheses.
3. For complete dimensions see applicable Military Specification.
STYLE 02
SAME AS STYLE 01 EXCEPT
J DIMENSION IS ZERO
STYLE 03
FOR USE WHEN E DIAMETER IS
EQUAL TO OR LESS THAN K DIAMETER
STYLE 01
FOR USE WHEN E DIAMETER IS
GREATER THAN K DIAMETER
C
Thread
(Class 2A)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.250 - 18 UNEF
1.563 - 18 UNEF
1.875 - 16 UN
2.375 - 16 UN
2.875 - 16 UN
3.375 - 16 UN
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
L
±.02
(.5)
.210
(5.3)
.250
(6.4)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.370
(9.4)
.370
(9.4)
.430 (10.9)
.430 (10.9)
.430 (10.9)
.430 (10.9)
K
Dia
Min.
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
N
Dia
±.02
(.5)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.187 (30.1)
1.500 (38.1)
1.812 (46.0)
2.125 (54.0)
2.625 (66.7)
3.125 (79.4)
3.625 (92.1)
D
Dia
E
Dia
A Thread
.50
(12.7)
.188 (4.8)
H
J
.063 (1.6)
Min
Str. Knurl
(Medium Coarse)
C Thread
K Dia
L
Str. Knurl
(Medium Coarse)
C Thread
K
Dia
L
.25 (6.4)
E Dia
D
Dia
A Thread
H
.125 (3.2)
.219 (5.6)
N
Dia


Similar Part No. - M24758-05-07

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-05-A GLENAIR-M24758-05-A Datasheet
123Kb / 1P
   Conduit Fitting
M24758-05-B GLENAIR-M24758-05-B Datasheet
123Kb / 1P
   Conduit Fitting
M24758-05-C GLENAIR-M24758-05-C Datasheet
123Kb / 1P
   Conduit Fitting
More results

Similar Description - M24758-05-07

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
   Adapter to Adapter
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
   Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
   Adapter - FL M32 ADAPTER
logo
JFW Industries, Inc.
115-004 JFW-115-004 Datasheet
25Kb / 1P
   ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
   ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
   ADAPTER
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
   Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
   Adapter
REV. OR
10M-10M++ MINI-10M-10M+ Datasheet
263Kb / 3P
   Adapter
REV. OR
KF-SF50++ MINI-KF-SF50+ Datasheet
321Kb / 4P
   Adapter
REV. OR
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
   ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com