Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24758-14-12-08 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M24758-14-12-08
Description  Adapter for Backshells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-14-12-08 Datasheet(HTML) 2 Page - Glenair, Inc.

  M24758-14-12-08 Datasheet HTML 1Page - Glenair, Inc. M24758-14-12-08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
73
C
Thread
(Class 2A)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.250 - 18 UNEF
1.563 - 18 UNEF
1.875 - 16 UN
2.375 - 16 UN
2.875 - 16 UN
3.375 - 16 UN
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
L
±.02
(.5)
.210
(5.3)
.250
(6.4)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.370
(9.4)
.370
(9.4)
.430 (10.9)
.430 (10.9)
.430 (10.9)
.430 (10.9)
K
Dia
Min.
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
N
Dia
±.02
(.5)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.187 (30.1)
1.500 (38.1)
1.812 (46.0)
2.125 (54.0)
2.625 (66.7)
3.125 (79.4)
3.625 (92.1)
A
Thread
(Class 2B)
0.625 - 24 UNEF
0.750 - 20 UNEF
0.875 - 20 UNEF
1.000 - 20 UNEF
1.188 - 18 UNEF
1.438 - 18 UNEF
1.750 - 18 UNS
2.000 - 18 UNS
2.250 - 16 UN
1.125 - 18 UNEF
1.250 - 18 UNEF
1.626 - 18 UNEF
1.875 - 18 UNS
2.125 - 16 UN
2.750 - 16 UN
A
Thread
Code
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
TABLE II (A Thread Code and Adapter Dimensions)
E
Dia
±.015 (.4)
.435 (11.0)
.578 (14.7)
.703 (17.9)
.828 (21.0)
1.000 (25.4)
1.250 (31.8)
1.562 (39.7)
1.813 (46.1)
2.062 (52.4)
.938 (23.8)
1.078 (27.4)
1.438 (36.5)
1.688 (42.9)
1.938 (49.2)
2.563 (65.1)
D
Dia
±.015 (.4)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.438 (36.5)
1.688 (42.9)
2.000 (50.8)
2.250 (57.2)
2.250 (57.2)
1.375 (34.9)
1.500 (38.1)
1.875 (47.6)
2.125 (54.0)
2.375 (60.3)
3.000 (76.2)
Shell
Size
(Ref.)
B, C
B, C
C
D, E
C, D, F
D, E, F, G
F, G, H
G, H, J
J
C, D, E
C, D, E, F, G
D, E, F, G
F, G, H
G, H, J
J
M24758/14 Adapter for
MIL-C-28840 (EC) Backshells


Similar Part No. - M24758-14-12-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-14-16-01 GLENAIR-M24758-14-16-01 Datasheet
81Kb / 2P
   Adapter for Backshells
More results

Similar Description - M24758-14-12-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-14-16-01 GLENAIR-M24758-14-16-01 Datasheet
81Kb / 2P
   Adapter for Backshells
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M85049-88-09G02 GLENAIR-M85049-88-09G02 Datasheet
88Kb / 1P
   Banding Backshells
M85049-82-08N02 GLENAIR-M85049-82-08N02 Datasheet
115Kb / 1P
   Banding Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
logo
C&K Components
MICRO-D CK-COMPONENTS-MICRO-D Datasheet
990Kb / 6P
   Lightweight backshells
logo
Glenair, Inc.
M85049-49-50-1F GLENAIR-M85049-49-50-1F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-30-08N GLENAIR-M85049-30-08N Datasheet
73Kb / 1P
   Ring Backshells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com