Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-107-TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AT-107-TB
Description  Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-107-TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AT-107-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-107-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-107-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT-107-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator
31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Rev. V9
AT-107-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 0.5 dB steps to 31.5 dB
• Temperature Stability: ± 0.18 dB from –55°C to
+85°C Typical
• Low DC Power Consumption
• Hermetic Surface Mount Package
• Integral TTL Driver
• 50 Ohm Nominal Impedance
• Lead-Free CR-13 Package
• 260°C Reflow Compatible
• RoHS* Compliant
Description
M/A-COM’s AT-107-PIN is a GaAs FET 6-bit digital
attenuator with a 0.5 dB minimum step size and 31.5
dB total attenuation. This attenuator and integral
TTL driver is in a hermetically sealed ceramic 24-
lead surface mount package. The AT-107-PIN is
ideally suited for use where accuracy, fast switching,
very low power consumption and low intermodula-
tion products are required. Typical applications in-
clude dynamic range setting in precision receiver
circuits and other gain/leveling control circuits. Envi-
ronmental screening is available. Contact the fac-
tory for information.
Ordering Information
Part Number
Package
AT-107-PIN
Bulk Packaging
AT-107-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
13
RF2
2
GND
14
GND
3
GND
15
GND
4
C16
16
GND
5
C8
17
GND
6
Vee (-5V to -8V)
18
GND
7
Vcc (+5V)
19
GND
8
C4
20
GND
9
C2
21
GND
10
C1
22
GND
11
C0.5
23
GND
12
GND
24
RF1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
The metal bottom of the case must be connected to RF and DC
ground.


Similar Part No. - AT-107-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-107-TB MACOM-AT-107-TB Datasheet
184Kb / 4P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-TB MA-COM-AT-107-TB Datasheet
636Kb / 5P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - AT-107-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0107 MA-COM-AT20-0107 Datasheet
172Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN_15 Datasheet
636Kb / 5P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com