Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42-0007 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM42-0007
Description  GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0007 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM42-0007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
GaAs MMIC VSAT Power Amplifier, 2.0 W
14.0 - 14.5 GHz
Rev. V8
AM42-0007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Linear Gain: 22 dB Typical
• High Saturated Output Power: +33 dBm Typical
• High Power Added Efficiency: 22% Typical
• High P1dB: 32 dBm Typ.
• 50 Ω Input/Output Broadband Matched
• Integrated Output Power Detector
• Lead-Free Ceramic Bolt Down Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
The
AM42-0007
is
a
three-stage
MMIC
linear power amplifier in a lead-free, ceramic bolt
down style hermetic package.
The AM42-0007
employs a fully matched chip with internally
decoupled gate and drain bias networks and an
output power detector. The AM42-0007 is designed
to be operated from a constant voltage drain supply.
The AM42-0007 is designed for use as an output
stage or a driver, in applications for VSAT systems.
This design is fully monolithic and requires a
minimum of external components.
The AM42-0007 is fabricated using a mature 0.5
micron GaAs MESFET process.
The process
features full passivation for increased performance
and reliability. This product is 100% RF tested to
ensure compliance to performance specifications.
Ordering Information
Part Number
Package
AM42-0007
Ceramic Bolt Down
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin No.
Pin Name
Description
1
GND
DC and RF Ground
2
GND
DC and RF Ground
3
RFIN
RF Input
4
VGG
Gate Supply
5
GND
DC and RF Ground
6
VDD
Voltage Drain Supply
7
VDET
Output Power Detector
8
RFOUT
RF Output
9
GND
DC and RF Ground
10
GND
DC and RF Ground
GND
GND
VGG
RFIN
GND
VDD
VDET
RFOUT
GND
GND
Functional Schematic


Similar Part No. - AM42-0007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007 Datasheet
197Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
logo
M/A-COM Technology Solu...
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
logo
Tyco Electronics
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
More results

Similar Description - AM42-0007

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com