Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM55-0004 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM55-0004
Description  250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM55-0004 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM55-0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
250 mW Linear Power Amplifier and T/R Switch
1.8—2.0 GHz
Rev. V2
AM55-0004
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Operates Over Full PCN/PCS/PHS Bands
• Operates Over +3 V to +5 V Supply Voltage
• +24 dBm P1dB Typical at PA Out
• 35% PAE @ P1dB for Linear Operation
• On-Chip T/R Switch, Linear Operation to +30 dBm
• Low Cost SSOP-28 Plastic Package
Description
M/A-COM’s AM55-0004 power amplifier/switch integrates
a power amplifier and transmit/receive switch in a low cost
SSOP package. The power amplifier delivers +24 dBm of
linear power with high efficiency and can be operated at
supply voltages as low as 2.7 V. It is ideally suited for
QPSK or other linearly modulated systems in the 1.8 to 2.0
GHz frequency band. The power amplifier/switch is fully
monolithic and requires only one output capacitor for
power match. The T/R switch achieves good insertion loss
and isolation without degrading the overall linearity. The
AM55-0004 is ideally suited for final stage power
amplification in linear TDD systems. The integrated switch
is convenient for duplexing. The AM55-0004 can also be
used as a driver stage for high power systems. Typical
applications include Japanese PHS systems or PCN/PCS
transmit chains. M/A-COM’s AM55-0004 is fabricated
using a mature 0.5-micron gate length GaAs process. The
process
features
full
passivation
for
increased
performance and reliability.
SSOP-28
Parameter
Units
Min.
Typ.
Max.
Linear Gain
dB
22
24
Power Output @ P 1dB at PA OUT port
dBm
22.5
24
Current From Positive Supply @ P 1dB
mA
75
175
275
Input VSWR
2.0:1
T/R Switch
Insertion Loss
dB
0.6
1.0
Input Match
1.5:1
Isolation
dB
15
20
Power Amplifier
Ordering Information
Part Number
Package
AM55-0004
SSOP-28-Lead Plastic Packaging
AM55-0004TR
Forward Tape and Reel*
AM55-0004RTR
Reverse Tape and Reel*
AM55-0004SMB
Designer’s Kit
* If specific reel size is required, consult factory for part number
assignment.
Electrical Specifications
Test conditions: Frequency: 1.9 GHz, VDD1 = VDD2 = 4.8 V ±10%, VG1 adjusted for 30 mA quiescent bias
on VDD1, VG2 adjusted for 65 mA quiescent bias on VDD2, TA= +25°C


Similar Part No. - AM55-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

Similar Description - AM55-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com