Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM55-0016 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # AM55-0016
Description  Switched Low Noise Amplifier 800 - 1000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM55-0016 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  AM55-0016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM55-0016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM55-0016 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM55-0016 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AM55-0016 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AM55-0016 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Switched Low Noise Amplifier
800 - 1000 MHz
Rev. V4
AM55-0016
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
High Gain Mode: Noise Figure vs. Current
High Gain Mode: Input IP3 vs. Current
High Gain Mode: IIP3 vs. Current and Voltage
Typical Performance Curves
High Gain: Gain and Output Power vs. Input Power
Low Gain Mode: Insertion Loss and Input IP3
High Gain Mode: Gain vs. Current
10
11
12
13
14
15
16
17
18
-10
-8
-6
-4
-2
0
2
4
6
-26
-24
-22
-20
-18
-16
-14
-12
-10
Gain (dB)
Output Power (dBm)
Input Power (dBm)
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
20
21
22
23
24
25
26
27
28
29
30
800
850
900
950
1000
IL (dB)
IIP3 (dBm)
Frequency (MHz)
-2
0
2
4
6
8
10
10
12
14
16
18
20
22
24
26
28
30
2.7 V
3.2 V
3.6 V
4.0 V
Current (mA)
12
13
14
15
16
17
18
19
800
850
900
950
1000
10mA
20mA
30mA
Frequency (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
800
850
900
950
1000
10mA
20mA
30mA
Frequency (MHz)
-3
-2
-1
0
1
2
3
4
5
6
7
800
850
900
950
1000
10mA
15 mA
20mA
25mA
Frequency (MHz)


Similar Part No. - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MACOM-AM55-0016 Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016RTR MACOM-AM55-0016RTR Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016SMB MACOM-AM55-0016SMB Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016SMB MACOM-AM55-0016SMB Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
More results

Similar Description - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
   800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com