Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS-6B-K-V3 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # JS-6B-K-V3
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JS-6B-K-V3 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  JS-6B-K-V3 Datasheet HTML 1Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 2Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 3Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 4Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 5Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 6Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 7Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 8Page - Fujitsu Component Limited. JS-6B-K-V3 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
JS SERIES
n
REFERENCE DATA
24VDC L/R=15ms
24VDC L/R=7ms
24VDC L/R=1ms
250VAC cosφ=0.7
0
1
2
3
4
5
6
7
8
9 0

2
3
5
0
20
30
50
00
200
300
500
000
250VAC cosφ=1
250VAC cosφ=0.4
Contact Current (A)
Life Curves
JS type
N
JS-12E-KT
Coil Power (W)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8
0
12
4
6
18
20
Operate
Release
Timing
n=50
JS-12-K
00
90
80
70
60
50
40
30
20
0
0
4
12
0
8
6
4
2
0
Contact Resistance (Ω)
Distribution of Contact Resistance
Make
Break
Nominal Voltage Multiplying Factor (%)
0
0 20 30 40 50 60 70
0
0
20
30
40
50
60
70
80
90
00
JS-12-K
n=100
Operate
Release
Distribution of Operate & Release Voltage


Similar Part No. - JS-6B-K-V3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
JS-03 ADAM-TECH-JS-03 Datasheet
64Kb / 1P
   JACK SCREW
logo
Fujitsu Component Limit...
JS-12-K FUJITSU-JS-12-K Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-K-V3 FUJITSU-JS-12-K-V3 Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT-V3 FUJITSU-JS-12-KT-V3 Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results

Similar Description - JS-6B-K-V3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com