Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10-0017 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT10-0017
Description  Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT10-0017 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT10-0017 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT10-0017 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT10-0017 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT10-0017 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Voltage Variable Absorptive
Attenuator, 1700 - 2000 MHz
Rev. V7
AT10-0017
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
0 volts
1700-2000 MHz
1930 - 1990 MHz
dB
dB
2.5
3.5
3.0
Attenuation
(Above Loss)
10 mA bias current
1700-2000 MHz
1930 - 1990 MHz
dB
dB
28
30
35
Attenuation
Flatness
0 to 30 dB attenuation
1700-2000 MHz
1930 - 1990 MHz
dB
dB
1.5
0.4
2.0
0.6
VSWR
0 to 30 dB attenuation
1700-2000 MHz
1930 - 1990 MHz
Ratio
Ratio
——-
1.6:1
1.5:1
1.8:1
1.7:1
Switching Speed
50% Control to 90%/10%
RF
1700-2000 MHz
µs
3.0
Linear Operation
1700-2000 MHz
dBm
+20
Input IP3
Two-tone inputs up to +10
dBm
1700-2000 MHz
dBm
+31
—-
I Control
1700-2000 MHz
mA
—-
30
Recommended PCB Configuration
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
1700 - 2000 MHz
+27 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - AT10-0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MACOM-AT10-0017 Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
   Voltage Variable Absorptive
logo
Tyco Electronics
AT10-0017-TB MACOM-AT10-0017-TB Datasheet
220Kb / 2P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017-TB MACOM-AT10-0017-TB Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
More results

Similar Description - AT10-0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MACOM-AT10-0017_1 Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAV-007090-000100 MA-COM-MAAV-007090-000100 Datasheet
80Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
Tyco Electronics
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
   Voltage Variable Attenuator 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
Tyco Electronics
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
Tyco Electronics
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
   Voltage Variable Attenuator 1700 - 2200 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com