Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10-0019 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT10-0019
Description  PIN Diode Based Variable Attenuator, 50 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT10-0019 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT10-0019 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT10-0019 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT10-0019 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT10-0019 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
PIN Diode Based Variable
Attenuator, 50 - 1000 MHz
Rev. V6
AT10-0019
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
50 - 1000 MHz
dB
2.4
2.8
Dynamic Range
50 - 1000 MHz
dB
33
42
Attenuation
Flatness
50 - 1000 MHz
50 - 1000 MHz
dB
dB
1.0
1.5
1.5
2.0
VSWR
50 - 1000 MHz
Ratio
1.7:1
2.1:1
Trise, Tfall
Ton, Toff
Transients
µs
µs
mV
10
15
150
20
25
250
1 dB
Compression
100 MHz
500 MHz
1000 MHz
dBm
dBm
dBm
10
17
21
13
20
24
Input IP3
100 MHz
1000 MHz
dBm
dBm
24
34
27
37
VCC
V
+4.75
+5.0
+5.25
I CC
DC
mA
2
2.5
Test Conditions
Vcont.: +10 V
Vcont.: 0 V
Attenuation: 0 to 20 dB
Attenuation: 20 to 30 dB
Vcont.: 0 - 10V
10%/90%, 90%/10%
50% Cntl to 90%/10% RF
In-band
Vcont.: 0 - 10V
Vcont.: 0 - 10V
Two-tone inputs up to +10 dBm
VCC = 5.25 V
Control Current
DC
mA
2.7
3.5
1.
Unit requires external .01 µF DC Blocks on RF lines.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
50 - 500 MHz
500 - 1000 MHz
+24 dBm
+30 dBm
Voltages
VCC
Control Voltage
-1 V to +7.0 V
-1 V to +15 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Pad Layout
MAAV-007088-000100
PAD LAYOUT
Dimensions are in inches
All undefined pins are connected to ground


Similar Part No. - AT10-0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019 Datasheet
220Kb / 2P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
AT10-0019 MACOM-AT10-0019 Datasheet
195Kb / 3P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
AT10-0019-TB MACOM-AT10-0019-TB Datasheet
220Kb / 2P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
AT10-0019-TB MACOM-AT10-0019-TB Datasheet
195Kb / 3P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
AT10-0019TR MACOM-AT10-0019TR Datasheet
220Kb / 2P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
More results

Similar Description - AT10-0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019_1 Datasheet
195Kb / 3P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
   PIN Diode Based Variable Attenuator 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019 Datasheet
220Kb / 2P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007088-000100 MA-COM-MAAV-007088-000100_15 Datasheet
78Kb / 4P
   PIN Diode Based Variable Attenuator
MAAV-007088 MA-COM-MAAV-007088 Datasheet
604Kb / 5P
   PIN Diode Based Variable
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
   PIN Diode Based Variable
logo
Tyco Electronics
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com