Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10-0017-TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AT10-0017-TB
Description  Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT10-0017-TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AT10-0017-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT10-0017-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT10-0017-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT10-0017-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Voltage Variable Absorptive
Attenuator, 1700 - 2000 MHz
Rev. V7
AT10-0017
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation Flatness (dB) @ +25°C
Typical VSWR @ +25°C
Attenuation vs. Bias Current,
Frequency = 2000 MHz
Typical Performance Curves
Insertion Loss
1.0
2.0
3.0
4.0
5.0
1600
1700
1800
1900
2000
2100
Fre que ncy (MHz )
+ 25°C
- 4 0 °C
+ 85°C
1.0
1.5
2.0
2.5
1600
1700
1800
1900
2000
2100
Fre que ncy (MHz )
Ref
15 d B
30 d B
0
10
20
30
40
0
1
23
456
78
9
10
Bias Current (mA)
+2 5 °C
+8 5 °C
- 40 °C
-2.00
-1.00
0.00
1.00
2.00
1600
1700
1800
1900
2000
2100
Fre que ncy (MHz )
R ef
10 d B
20 d B
30 d B


Similar Part No. - AT10-0017-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0017-TB MACOM-AT10-0017-TB Datasheet
220Kb / 2P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017-TB MACOM-AT10-0017-TB Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
More results

Similar Description - AT10-0017-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MACOM-AT10-0017_1 Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAV-007090-000100 MA-COM-MAAV-007090-000100 Datasheet
80Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
Tyco Electronics
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
   Voltage Variable Attenuator 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
Tyco Electronics
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
Tyco Electronics
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
   Voltage Variable Attenuator 1700 - 2200 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com