Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS-5M-K Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # JS-5M-K
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JS-5M-K Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  JS-5M-K Datasheet HTML 1Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 2Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 3Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 4Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 5Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 6Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 7Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 8Page - Fujitsu Component Limited. JS-5M-K Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
JS SERIES
n
CHARACTERISTIC DATA
JS
0A
8A
0A
60
80
40
0.8
0.6
0.4
0.2
20
0
0
Coil Temperature Rise
Coil Power (W)
Must operate
voltage (hot
coil)
0A
8A
(5 to 18VDC coil)
JS type
2.4
2.0
1.8
1.0
0.6
00
80
60
40
20
00
20
40
60
80
00
0.8
1.0
1.2
1.4
1.6
1.8
Operating Range
Ambient Temperature (ºC)
Must operate
voltage (cool
coil)
0A
(DC24V coil)
JS type
0A
8A
2.4
2.0
2.2
1.0
0.6
00
80
60
40
20
00
20
40
60
80
00
0.8
1.0
1.2
1.4
1.6
1.8
Must operate
voltage (hot
coil)
Operating Range
Ambient Temperature (ºC)
Must operate
voltage (cool
coil)
0A
2.4
2.0
1.8
1.0
0.6
00
80
60
40
20
00
20 30 40
60
80
00
0.8
1.0
1.2
1.4
1.6
1.8
JS type
(48 to 60 VDC)
8A
0A
Must operate
voltage (hot
coil)
Operating Range
Ambient Temperature (ºC)
Must operate
voltage (cool
coil)
0A
5
2

0.1
500
20
0
0
20
50
00 200
0.2
0.5

2
5
0
AC resistive load
DC resistive load
Maximum Switching Power
Voltage (V)
JS type
JS
MN
0
2
4
6
8
0
12
2
5
0
20
50
00
250VAC resistive
24VDC resistive
250VAC cosφ=0.7
24VDC τ=7ms
250VAC cosφ=0.4
24VDC τ=15ms
Life Curves
Contact Current (A)


Similar Part No. - JS-5M-K

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
JS-5 HONEYWELL-ACC-JS-5 Datasheet
335Kb / 7P
   Interactive Catalog Replaces Catalog Pages
JS-5 HONEYWELL-ACC-JS-5 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
Honeywell Solid State E...
JS-5 HONEYWELL-JS-5 Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
JS-5 HONEYWELL-ACC-JS-5 Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
JS-5 HONEYWELL-ACC-JS-5 Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - JS-5M-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com