Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007228-0001TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007228-0001TR
Description  Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007228-0001TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007228-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007228-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007228-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007228-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator
30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
Rev. V5
AT-233-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Reference Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
2.3
2.65
2.8
Attenuation Accuracy2
Any Single Bit
Any Combination of Bits
DC - 1.0 GHz
DC - 2.0 GHz
DC - 1.0 GHz
DC - 2.0 GHz
VSWR
DC - 2.0 GHz
Ratio
1.7:1
Trise, Tfall
10% to 90%
ns
10
Ton, Toff
50% Control to 90/10% RF
ns
30
Transients
In-Band (peak-peak)
mV
35
1 dB Compression 3
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+20
+28
Input IP3 3
For two tone input power
Up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+40
+50
Input IP2 3
For two-tone input power
Up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+45
+68
± (0.2 + 3% of attenuation setting in dB) dB
± (0.2 + 3% of attenuation setting in dB) dB
or ± 0.45 dB, whichever is greater
± (0.20 + 3% of attenuation setting in dB) dB
± (0.25 + 4% of attenuation setting in dB) dB
or ± 0.45 dB, whichever is greater
VCC
V
4.5
5.0
5.5
VEE
V
-8.0
-5.0
ICC
VCC = 4.5 to 5.5 V
Vctl = 0 to 0.8V, or VCC
2.1V to VCC
mA
4.0
IEE
VEE = -5.0 to –8.0V
mA
1.0
Vctl
Logic 0 (TTL)
Logic 1 (TTL)
V
V
0.0
2.0
0.8
5.0
Input Leakage Current (Low)
Input Leakage Current (High)
0 to 0.8V
2.0 to 5.0V
µA
µA
1.0
1.0
1. All specifications apply when operated with bias voltages of +5V for VCC and –5.0V to –8.0V for VEE, and 50 Ohm impedance at all ports
unless otherwise specified.
2. This attenuator is guaranteed monotonic.
3. VEE = -5V for the typical numbers given.


Similar Part No. - MAAD-007228-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007228-0001TR MACOM-MAAD-007228-0001TR Datasheet
168Kb / 4P
   Digital Attenuator, 15dB, 4-Bit, TTL Driver, DC - 2.0 GHz
More results

Similar Description - MAAD-007228-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0233 MA-COM-AT90-0233 Datasheet
151Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
   Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com