Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4E2200B1-287T Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2200B1-287T
Description  Surface Mount Zero Bias Schottky Detector Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2200B1-287T Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4E2200B1-287T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2200B1-287T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2200B1-287T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2200B1-287T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E2200B1-287T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E2200B1-287T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E2200B1-287T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Surface Mount Zero Bias Schottky Detector Diodes
M/A-COM Products
Rev. V6
MA4E2200 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Applications Section
MADS-002200
Frequency (GHz) vs. Output Voltage (V)
0.01
0.1
1
10
0.1
1
10
Frequency (GHz)
-20 dBm SN1
-10 dBm SN1
0 dBm SN1
+10 dBm SN1
MADS-002200
Input Pow er (dBm ) vs. Output Voltage (V)
0.01
0.1
1
10
-20
-15
-10
-5
0
5
10
Input Pow er (dBm )
1 GHz
5 GHz
10 GHz
The MADS-002200 in an SC-79 Package Style was evaluated in a detector circuit in which the
Schottky diode terminates a 50 Ohm transmission line on a duroid substrate. The SC-79 packaged
diode was attached to the terminal of a 3.5mm connector and the output voltage was measured
through a bias tee on a voltmeter. Matching was not attempted.
The voltage peak at 2 GHz is due to a resonance of the SC-79 package inductance with the diode junc-
tion capacitance. This condition results in higher RF voltage across the diode junction.


Similar Part No. - MA4E2200B1-287T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2200B1-287T MACOM-MA4E2200B1-287T Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
More results

Similar Description - MA4E2200B1-287T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Agilent(Hewlett-Packard...
HSMS2855 HP-HSMS2855 Datasheet
108Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Tyco Electronics
MA4E2200 MACOM-MA4E2200 Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com