Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5291 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 3 Page - Analog Devices

  AD5291 Datasheet HTML 1Page - Analog Devices AD5291 Datasheet HTML 2Page - Analog Devices AD5291 Datasheet HTML 3Page - Analog Devices AD5291 Datasheet HTML 4Page - Analog Devices AD5291 Datasheet HTML 5Page - Analog Devices AD5291 Datasheet HTML 6Page - Analog Devices AD5291 Datasheet HTML 7Page - Analog Devices AD5291 Datasheet HTML 8Page - Analog Devices AD5291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 3 of 28
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—AD5291
VDD = 21 V to 33 V, VSS = 0 V; VDD = 10.5 V to 16.5 V, VSS = −10.5 V to −16.5 V; VLOGIC = 2.7 V to 5.5 V, VA = VDD, VB = VSS,
−40°C < TA < +105°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resolution
N
8
Bits
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = NC
−1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
−1
+1
LSB
Nominal Resistor Tolerance (R-Perf Mode3)
∆RAB/RAB
See Table 2
−1
0.5
+1
%
Nominal Resistor Tolerance (Normal Mode)
∆RAB/RAB
±20
%
Resistance Temperature Coefficient4
(∆RAB/RAB)/∆T × 106
35
ppm/°C
Wiper Resistance
RW
60
100
Ω
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE
Resolution
N
8
Bits
Differential Nonlinearity5
DNL
−1
+1
LSB
Integral Nonlinearity5
INL
−0.5
+0.5
LSB
Voltage Divider Temperature
Coefficient4
(∆VW/VW)/∆T × 106
Code = half scale
1.5
ppm/°C
Full-Scale Error
VWFSE
Code = full scale
−2
0
LSB
Zero-Scale Error
VWZSE
Code = zero scale
0
2
LSB
RESISTOR TERMINALS
Terminal Voltage Range6
VA, VB, VW
VSS
VDD
V
Capacitance A, Capacitance B4
CA, CB
f = 1 MHz, measured to GND,
code = half scale
85
pF
Capacitance W4
CW
f = 1 MHz, measured to GND,
code = half scale
65
pF
Common-Mode Leakage Current4
ICM
VA = VB = VW
±1
nA
DIGITAL INPUTS
JEDEC compliant
Input Logic High4
VIH
VLOGIC = 2.7 V to 5.5 V
2.0
V
Input Logic Low4
VIL
VLOGIC = 2.7 V to 5.5 V
0.8
V
Input Current
IIL
VIN = 0 V or VLOGIC
±1
μA
Input Capacitance4
CIL
5
pF
DIGITAL OUTPUTS (SDO and RDY)
Output High Voltage4
VOH
RPULL_UP = 2.2 kΩ to VLOGIC
VLOGIC − 0.4
V
Output Low Voltage4
VOL
RPULL_UP = 2.2 kΩ to VLOGIC
GND + 0.4 V
V
Tristate Leakage Current
−1
+1
μA
Output Capacitance4
COL
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
9
33
V
Dual-Supply Power Range
VDD/VSS
±9
±16.5
V
Positive Supply Current
IDD
VDD/VSS = ±16.5 V
0.1
2
μA
Negative Supply Current
ISS
VDD/VSS = ±16.5 V
−2
−0.1
μA
Logic Supply Range
VLOGIC
2.7
5.5
V
Logic Supply Current
ILOGIC
VLOGIC = 5 V; VIH = 5 V or VIL = GND
1
10
μA
OTP Store Current4, 7
ILOGIC_PROG
VIH = 5 V or VIL = GND
25
mA
OTP Read Current4, 8
ILOGIC_FUSE_READ
VIH = 5 V or VIL = GND
25
mA
Power Dissipation9
PDISS
VIH = 5 V or VIL = GND
8
110
μW
Power Supply Rejection Ratio4
PSSR
∆VDD/∆VSS = ±15 V ± 10%
0.025
0.08
%/%


Similar Part No. - AD5291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5291 AD-AD5291 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5291BRUZ-100 AD-AD5291BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-100 AD-AD5291BRUZ-100 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5291BRUZ-100-RL7 AD-AD5291BRUZ-100-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-100-RL7 AD-AD5291BRUZ-100-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

Similar Description - AD5291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com