Electronic Components Datasheet Search |
|
M32139-04-B01SCS Datasheet(PDF) 1 Page - Glenair, Inc. |
|
M32139-04-B01SCS Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324/OCA77 www.glenair.com E-Mail: sales@glenair.com A-4 MIL-DTL-32139 Nanominiature Connectors Dual Row Metal Shell Pigtails (M32139/03 & /04) How to Order M32139/ 03-A 01 S N S Part Number Example Basic Spec Slash Number - Insert Arrangement Wire Type Hardware Shell Material and Finish Space Class M32139/ Note: order with “GS” prefix until QPL approval is issued. GS32139/ Plugs 03-A – Pin Connector, 9 Contacts 03-B – Pin Connector, 15 Contacts 03-C – Pin Connector, 21 Contacts 03-D – Pin Connector, 25 Contacts 03-E – Pin Connector, 31 Contacts 03-F – Pin Connector, 37 Contacts 03-G – Pin Connector, 51 Contacts Receptacles 04-A – Socket Connector, 9 Contacts 04-B – Socket Connector, 15 Contacts 04-C – Socket Connector, 21 Contacts 04-D – Socket Connector, 25 Contacts 04-E – Socket Connector, 31 Contacts 04-F – Socket Connector, 37 Contacts 04-G – Socket Connector, 51 Contacts NEMA HP3-ETXBBB Wire (#30 AWG, 7 Strand Silver-Coated Copper, Extruded PTFE Insulation, 250 V rms, 200º C.) 01 – 6 Inches White 02 – 18 Inches White 03 – 36 Inches White 04 – 6 Inches 10 Color Repeat 05 – 18 Inches 10 Color Repeat 06 – 36 Inches 10 Color Repeat M22759/33-30 Wire (#30 AWG, 7 Strand Silver-Coated High-Strength Copper, Extruded Cross-Linked Modified ETFE Insulation, 600 V rms, 200º C.) 07 – 6 Inches White 08 – 18 Inches White 09 – 36 Inches White 10 – 6 Inches 10 Color Repeat 11 – 18 Inches 10 Color Repeat 12 – 36 Inches 10 Color Repeat Composite PTFE/ Polyimide Wire (#30 AWG, 7 Strand Silver- Coated High-Strength Copper, Tape-Wrapped Dual-wall Modified ETFE/Polyimide Insulation, 600 V rms, 200º C.) 13 – 6 Inches White 14 – 18 Inches White 15 – 36 Inches White 16 – 6 Inches 10 Color Repeat 17 – 18 Inches 10 Color Repeat 18 – 36 Inches 10 Color Repeat S Jackscrew, #0-80, Hex Head (Slash 01 Pin Connectors Only) T Threaded Hole, #0-80 (Slash 02 Socket Connectors Only) C Aluminum Shell,Cadmium Plated N Aluminum Shell, Electroless Nickel Plated S Stainless Steel Shell, Passivated T Titanuim Shell, Unplated S Space Class (Not For Use With Cadmium Plated Aluminum Shells) Omit for Non-Space Applications How To Order M32139 Dual Row Metal Shell Connectors 51 Contacts 37 Contacts 31 Contacts 25 Contacts 21 Contacts 15 Contacts 9 Contacts |
Similar Part No. - M32139-04-B01SCS |
|
Similar Description - M32139-04-B01SCS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |