Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5422 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices AD5422 Datasheet HTML 11Page - Analog Devices AD5422 Datasheet HTML 12Page - Analog Devices AD5422 Datasheet HTML 13Page - Analog Devices AD5422 Datasheet HTML 14Page - Analog Devices AD5422 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD5412/AD5422
Rev. A | Page 11 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
12
11
DVCC
FAULT
GND
LATCH
CLEAR
CLEAR SELECT
AVSS
SCLK
SDIN
GND
GND
SDO
20
21
22
23
24
19
18
17
16
15
14
13
–VSENSE
+VSENSE
VOUT
NC
NOTES
1. NC = NO CONNECT
2. THE PADDLE CAN BE CONNECTED TO 0V IF THE OUTPUT VOLTAGE RANGE
IS UNIPOLAR. THE PADDLE CAN BE LEFT ELECTRICALLY UNCONNECTED
PROVIDED THAT A SUPPLY CONNECTION IS MADE AT THE AVSS PIN. IT IS
RECOMMENDED THAT THE PADDLE BE THERMALLY CONNECTED TO A
COPPER PLANE FOR ENHANCED THERMAL PERFORMANCE.
IOUT
BOOST
CCOMP
DVCC SELECT
RSET
REFOUT
REFIN
AVDD
AD5412/
AD5422
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE CAN BE CONNECTED TO 0V IF THE OUTPUT
VOLTAGE RANGE IS UNIPOLAR. THE EXPOSED PADDLE CAN BE LEFT
ELECTRICALLY UNCONNECTED PROVIDED THAT A SUPPLY CONNECTION
IS MADE AT THE AVSS PIN. IT IS RECOMMENDED THAT THE PADDLE BE
THERMALLY CONNECTED TO A COPPER PLANE FOR ENHANCED
THERMAL PERFORMANCE.
PIN 1
INDICATOR
1
NC
2
FAULT
3
GND
4
CLEAR SELECT
5
CLEAR
6
LATCH
7
SCLK
8
SDIN
9
SDO
10
NC
23 DVCC SELECT
24 CCOMP
25 NC
26 IOUT
27 BOOST
28 CAP1
29 CAP2
30 NC
22 NC
21 NC
TOP VIEW
(Not to Scale)
AD5412/AD5422
Figure 5. TSSOP Pin Configuration
Figure 6. LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
14, 37
AVSS
Negative Analog Supply Pin. Voltage ranges from –3 V to –24 V. This pin can be
connected to 0 V if the output voltage range is unipolar.
2
39
DVCC
Digital Supply Pin. Voltage ranges from 2.7 V to 5.5 V.
3
2
FAULT
Fault Alert. This pin is asserted low when an open circuit is detected in current mode or
an overtemperature is detected. Open drain output must be connected to a pull-up resistor.
4, 12
3, 15
GND
These pins must be connected to 0 V.
18
1, 10, 11, 19, 20,
21, 22, 25, 30,
31, 35, 38, 40
NC
No Connection. Do not connect to these pins.
5
4
CLEAR
SELECT
Selects the voltage output clear value, either zero-scale or midscale code (see Table 21).
6
5
CLEAR
Active High Input. Asserting this pin sets the current output to the bottom of the selected
range or sets the voltage output to the user selected value (zero-scale or midscale).
7
6
LATCH
Positive Edge Sensitive Latch. A rising LATCH edge parallel loads the input shift register
data into the DAC register, also updating the output.
8
7
SCLK
Serial Clock Input. Data is clocked into the shift register on the rising edge of SCLK. This
operates at clock speeds of up to 30 MHz.
9
8
SDIN
Serial Data Input. Data must be valid on the rising edge of SCLK.
10
9
SDO
Serial Data Output. Used to clock data from the serial register in daisy-chain or readback
mode. Data is valid on the rising edge of SCLK (see Figure 3 and Figure 4).
11
12, 13
GND
Ground Reference Pin.
13
16
RSET
An external, precision, low drift 15 kΩ current setting resistor can be connected to this
pin to improve the IOUT temperature drift performance. See the AD5412/AD5422 Features
section.
14
17
REFOUT
Internal Reference Voltage Output. REFOUT = 5 V ± 2 mV.
15
18
REFIN
External Reference Voltage Input. Reference input range is 4 V to 5 V. REFIN = 5 V for a
specified performance.


Similar Part No. - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5422 AD-AD5422 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5422 AD-AD5422 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5422 AD-AD5422 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
More results

Similar Description - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com