Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5750ACPZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5750ACPZ-REEL7
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750ACPZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5750ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5750ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD5750/AD5750-1
Rev. A | Page 8 of 36
TIMING CHARACTERISTICS
AVDD/AVSS = ±12 V (± 10%) to ±24 V (± 10%), DVCC = 2.7 V to 5.5 V, GND = 0 V. VOUT: RLOAD = 2 kΩ, CL = 200 pF, IOUT: RLOAD =
300 Ω. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2
Limit at TMIN, TMAX
Unit
Description
t1
20
ns min
SCLK cycle time
t2
8
ns min
SCLK high time
t3
8
ns min
SCLK low time
t4
5
ns min
SYNC falling edge to SCLK falling edge setup time
t5
10
ns min
16th SCLK falling edge to SYNC rising edge (on 24th SCLK falling edge if using PEC)
t6
5
ns min
Minimum SYNC high time (write mode)
t7
5
ns min
Data setup time
t8
5
ns min
Data hold time
t9, t10
1.5
μs max
CLEAR pulse low/high activation time
t11
5
ns min
Minimum SYNC high time (read mode)
t12
40
ns max
SCLK rising edge to SDO valid (SDO CL = 15 pF)
t13
10
ns min
RESET pulse low time
1 Guaranteed by characterization, but not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.


Similar Part No. - AD5750ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5750ACPZ-REEL7 AD-AD5750ACPZ-REEL7 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
More results

Similar Description - AD5750ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com