Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5412ACPZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5412ACPZ-REEL7
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5412ACPZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5412ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5412ACPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD5412/AD5422
Rev. A | Page 10 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
80 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
AVDD to GND
−0.3 V to +48 V
AVSS to GND
+0.3 V to −48 V
AVDD to AVSS
−0.3 V to +60 V
DVCC to GND
−0.3 V to +7 V
Digital Inputs to GND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to GND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
REFIN/REFOUT to GND
−0.3 V to +7 V
VOUT to GND
AVSS to AVDD
IOUT to GND
−0.3 V to AVDD
Operating Temperature Range (TA)
Industrial1
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
24-Lead TSSOP Package
θJA Thermal Impedance
42°C/W
40-Lead LFCSP Package
θJA Thermal Impedance
28°C/W
Power Dissipation
(TJ max – TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
2 kV
1 Power dissipated on chip must be derated to keep the junction temperature
below 125°C, assuming that the maximum power dissipation condition is
sourcing 24 mA into GND from IOUT with a 4 mA on-chip current.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5412ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412ACPZ AD-AD5412ACPZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
More results

Similar Description - AD5412ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com