Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5422AREZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5422AREZ
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422AREZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5422AREZ Datasheet HTML 2Page - Analog Devices AD5422AREZ Datasheet HTML 3Page - Analog Devices AD5422AREZ Datasheet HTML 4Page - Analog Devices AD5422AREZ Datasheet HTML 5Page - Analog Devices AD5422AREZ Datasheet HTML 6Page - Analog Devices AD5422AREZ Datasheet HTML 7Page - Analog Devices AD5422AREZ Datasheet HTML 8Page - Analog Devices AD5422AREZ Datasheet HTML 9Page - Analog Devices AD5422AREZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD5412/AD5422
Rev. A | Page 6 of 40
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS3
Current Loop Compliance Voltage
0
AVDD − 2.5
V
Output Current Drift vs. Time
Drift after 1000 hours, TA = 125°C
50
ppm FSR
Internal RSET
20
ppm FSR
External RSET
Resistive Load
1200
Ω
Inductive Load
50
mH
TA = 25 °C
DC PSRR
1
μA/V
Output Impedance
50
Output Current Leakage When
Output Is Disabled
60
pA
REFERENCE INPUT/OUTPUT
Reference Input3
Reference Input Voltage
4.95
5
5.05
V
For specified performance
DC Input Impedance
27
40
Reference Output
Output Voltage
4.995
5
5.005
TA = 25°C
Reference Temperature
Coefficient (TC)3, 5
1.8
10
ppm/°C
Output Noise (0.1 Hz to 10 Hz)3
10
μV p-p
Noise Spectral Density3
100
nV/√Hz
At 10 kHz
Output Voltage Drift vs. Time3
50
ppm
Drift after 1000 hours, TA = 125°C
Capacitive Load3
600
nF
Load Current3
5
mA
Short-Circuit Current3
7
mA
Load Regulation3
95
ppm/mA
DIGITAL INPUTS3
JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
−1
+1
μA
Per pin
Pin Capacitance
10
pF
Per pin
DIGITAL OUTPUTS3
SDO
Output Low Voltage, VOL
0.4
V
Sinking 200 μA
Output High Voltage, VOH
DVCC − 0.5
V
Sourcing 200 μA
High Impedance Leakage Current
−1
+1
μA
High Impedance Output
Capacitance
5
pF
FAULT
Output Low Voltage, VOL
0.4
V
10 kΩ pull-up resistor to DVCC
Output Low Voltage, VOL
0.6
V
At 2.5 mA
Output High Voltage, VOH
3.6
V
10 kΩ pull-up resistor to DVCC
POWER REQUIREMENTS
AVDD
10.8
40
V
AVSS
−26.4
0
V
|AVSS| + AVDD
10.8
52.8
V
DVCC
Input Voltage
2.7
5.5
V
Internal supply disabled
Output Voltage
4.5
V
DVCC, which can be overdriven up to 5.5 V
Output Load Current3
5
mA
Short-Circuit Current3
20
mA


Similar Part No. - AD5422AREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422AREZ AD-AD5422AREZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
More results

Similar Description - AD5422AREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com