Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5750-1BCPZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD5750-1BCPZ-REEL
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750-1BCPZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5750-1BCPZ-REEL Datasheet HTML 7Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 8Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 9Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 10Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 11Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 12Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 13Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 14Page - Analog Devices AD5750-1BCPZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD5750/AD5750-1
Rev. A | Page 11 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
AD5750/
AD5750-1
1
SDO/VFAULT
2
CLRSEL
3
CLEAR
4
DVCC
5
GND
6
SYNC/RSET
7
SCLK/OUTEN
8
SDIN/R0
24 VSENSE+
23 VOUT
22 VSENSE–
21 AVSS
20 COMP1
19 COMP2
18 IOUT
17 AVDD
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE IS TIED TO AVSS.
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDO/VFAULT
Serial Data Output (SDO). In software mode, this pin is used to clock data from the input shift register in
readback mode. Data is clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK. This pin
is a CMOS output.
Short-Circuit Fault Alert (VFAULT). In hardware mode, this pin acts as a short-circuit fault alert pin and is
asserted low when a short-circuit error is detected. This pin is an open-drain output and must be connected to
a pull-up resistor.
2
CLRSEL
In hardware or software mode, this pin selects the clear value, either zero-scale or midscale code. In software
mode, this pin is implemented as a logic OR with the internal CLRSEL bit.
3
CLEAR
Active High Input. Asserting this pin sets the output current/voltage to zero-scale code or midscale code of the
range selected (user-selectable). CLEAR is a logic OR with the internal clear bit.
In software mode, during power-up, the CLEAR pin level determines the power-on condition of the voltage
channel, which can be active 0 V or tristate. See the Asynchronous Clear (CLEAR) section for more details.
4
DVCC
Digital Power Supply.
5
GND
Ground Connection.
6
SYNC/RSET
Positive Edge-Sensitive Latch (SYNC). In software mode, a rising edge parallel loads the input shift register data
into the AD5750, also updating the output.
Resistor Select (RSET). In hardware mode, this pin selects whether the internal or the external current sense
resistor is used.
If RSET = 0, the external sense resistor is chosen.
If RSET = 1, the internal sense Resistor is chosen.
7
SCLK/OUTEN
Serial Clock Input (SCLK). In software mode, data is clocked into the input shift register on the falling edge of
SCLK. This pin operates at clock speeds up to 50 MHz.
Output Enable (OUTEN). In hardware mode, this pin acts as an output enable pin.
8
SDIN/R0
Serial Data Input (SDIN). In software mode, data must be valid on the falling edge of SCLK.
Range Decode Bit (R0). In hardware mode, this pin, in conjunction with R1, R2, and R3, selects the output
current/voltage range setting on the part.
9
AD2/R1
Device Addressing Bit (AD2). In software mode, this pin, in conjunction with AD1 and AD0, allows up to eight
devices to be addressed on one bus.
Range Decode Bit (R1). In hardware mode, this pin, in conjunction with R0, R2, and R3, selects the output
current/voltage range setting on the part.
10
AD1/R2
Device Addressing Bit (AD1). In software mode, this pin, in conjunction with AD2 and AD0, allows up to eight
devices to be addressed on one bus.
Range Decode Bit (R2). In hardware mode, this pin, in conjunction with R0, R1, and R3, selects the output
current/voltage range setting on the part.


Similar Part No. - AD5750-1BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5750-1BCPZ-REEL AD-AD5750-1BCPZ-REEL Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1BCPZ-REEL7 AD-AD5750-1BCPZ-REEL7 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
More results

Similar Description - AD5750-1BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com