Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32139-02-A01TCS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M32139-02-A01TCS
Description  Nanominiature Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M32139-02-A01TCS Datasheet(HTML) 1 Page - Glenair, Inc.

  M32139-02-A01TCS Datasheet HTML 1Page - Glenair, Inc. M32139-02-A01TCS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324/OCA77
www.glenair.com
E-Mail: sales@glenair.com
A-2
MIL-DTL-32139 Nanominiature Connectors
Single Row Metal Shell Pigtails (M32139/01 & /02)
How to Order
M32139/
02-A
01
S
N
S
Part Number Example
Basic Spec
Slash Number -
Hardware Shell Material Space Class
M32139/
Plugs
01-A – Pin Connector, 9 Contacts
01-B – Pin Connector, 15 Contacts
01-C – Pin Connector, 21 Contacts
01-D – Pin Connector, 25 Contacts
01-E – Pin Connector, 31 Contacts
01-F – Pin Connector, 37 Contacts
01-G – Pin Connector, 51 Contacts
Receptacles
02-A – Socket Connector, 9 Contacts
02-B – Socket Connector, 15 Contacts
02-C – Socket Connector, 21 Contacts
02-D – Socket Connector, 25 Contacts
02-E – Socket Connector, 31 Contacts
02-F – Socket Connector, 37 Contacts
02-G – Socket Connector, 51 Contacts
NEMA HP3-ETXBBB Wire
(#30 AWG, 7 Strand Silver-Coated
Copper, Extruded PTFE Insulation,
250 V rms, 200º C.)
01 – 6 Inches White
02 – 18 Inches White
03 – 36 Inches White
04 – 6 Inches 10 Color Repeat
05 – 18 Inches 10 Color Repeat
06 – 36 Inches 10 Color Repeat
M22759/33-30 Wire
(#30 AWG, 7 Strand Silver-Coated
High-Strength Copper, Extruded
Cross-Linked Modified ETFE
Insulation, 600 V rms, 200º C.)
07 – 6 Inches White
08 – 18 Inches White
09 – 36 Inches White
10 – 6 Inches 10 Color Repeat
11 – 18 Inches 10 Color Repeat
12 – 36 Inches 10 Color Repeat
Composite PTFE/Polyimide
Wire
(#30AWG, 7 Strand Silver-Coated
High-Strength Copper, Tape-Wrapped
Dual-wall Modified ETFE/Polyimide
Insulation, 600 V rms, 200º C.)
13 – 6 Inches White
14 – 18 Inches White
15 – 36 Inches White
16 – 6 Inches 10 Color Repeat
17 – 18 Inches 10 Color Repeat
18 – 36 Inches 10 Color Repeat
S
Jackscrew,
#0-80, Hex
Head
(Slash 01 Pin
Connectors
Only)
T
Threaded Hole,
#0-80
(Slash 02
Socket
Connectors
Only)
C
Aluminum
Shell,Cadmium
Plated
N
Aluminum Shell,
Electroless
Nickel Plated
S
Stainless
Steel Shell,
Passivated
T
Titanium Shell,
Unplated
S
Space Class
(Not For Use
With Cadmium
Plated
Aluminum
Shells)
Omit for
Non-Space
Applications
How To Order M32139 Single Row Metal Shell Connectors
9 Socket Receptacle
51
1
37
1
31
1
25
21
1
15
1
9
1
9 Pin Plug
15 Pin Plug
21 Pin Plug
31 Pin Plug
37 Pin Plug
51 Pin Plug
1
1
37
1
31
31 Socket Receptacle
37 Socket Receptacle
9
1
1
25
25 Socket Receptacle
25 Pin Plug
51
51 Socket Receptacle
1
21
1
15
1
15 Socket Receptacle
21 Socket Receptacle


Similar Part No. - M32139-02-A01TCS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
M32139-03-A01SNS GLENAIR-M32139-03-A01SNS Datasheet
266Kb / 2P
   Nanominiature Connectors
M32139-03-A01SSS GLENAIR-M32139-03-A01SSS Datasheet
266Kb / 2P
   Nanominiature Connectors
M32139-03-A01STS GLENAIR-M32139-03-A01STS Datasheet
266Kb / 2P
   Nanominiature Connectors
M32139-03-A01TCS GLENAIR-M32139-03-A01TCS Datasheet
266Kb / 2P
   Nanominiature Connectors
More results

Similar Description - M32139-02-A01TCS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
890-005 GLENAIR-890-005 Datasheet
126Kb / 2P
   Nanominiature Connectors
891-014-9PA1 GLENAIR-891-014-9PA1 Datasheet
178Kb / 4P
   Nanominiature Connectors Straddle Mount
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
   Nanominiature Connectors Double Row Back-To-Back
891-010 GLENAIR-891-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
890-010 GLENAIR-890-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
891-001 GLENAIR-891-001 Datasheet
202Kb / 2P
   Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies
891-003 GLENAIR-891-003 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
890-006 GLENAIR-890-006 Datasheet
181Kb / 4P
   Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com