Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8227BRZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8227BRZ-RL
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8227BRZ-RL Datasheet HTML 7Page - Analog Devices AD8227BRZ-RL Datasheet HTML 8Page - Analog Devices AD8227BRZ-RL Datasheet HTML 9Page - Analog Devices AD8227BRZ-RL Datasheet HTML 10Page - Analog Devices AD8227BRZ-RL Datasheet HTML 11Page - Analog Devices AD8227BRZ-RL Datasheet HTML 12Page - Analog Devices AD8227BRZ-RL Datasheet HTML 13Page - Analog Devices AD8227BRZ-RL Datasheet HTML 14Page - Analog Devices AD8227BRZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8227
Rev. 0 | Page 11
20
15
10
5
0
–5
–10
–15
–20
–20
–15
–10
–5
0
5
10
15
20
of
24
OUTPUT VOLTAGE (V)
–14.96V, +12.7V
+14.94V, +12.7V
0V, +14.2V
–14.96V, –13.8V
+14.94V, –13.8V
0V, –15.3V
VS = ±15V
VS = ±12V
0V, –12.3V
0V, +11.2V
–11.96V,
+10V
–11.96V,
–11.1V
+11.94V,
–11.1V
+11.94V,
+10V
16
–16
14
–14
12
–12
10
–10
8
–8
6
–6
4
–4
2
–2
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = ±15V, G = 5
VOUT
IIN
Figure 15. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, Vs = ±15 V, G = 5
20
15
10
5
0
–5
–10
–15
–20
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
–14.96V, +12.7V
+14.94V, +12.7V
0V, +14.2V
–14.96V, –14V
+14.94V, –14V
0V, –15.3V
0V, –12.3V
–11.96V,
–11.3V
+11.94V,
–11.3V
0V, +11.2V
–11.96V,
+10V
+11.94V,
+10V
VS = ±15V
VS = ±12V
Figure 16. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, Vs = ±15 V, G = 100
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
Figure 18. Input Overvoltage Performance, G = 5, Vs = ±15 V
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = 2.7V, G = 100
VOUT
IIN
Figure 19. Input Overvoltage Performance, G = 100, Vs = 2.7 V
0.25
0
–0.5
–0.6
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = 2.7V, G = 5
VOUT
IIN
Figure 17. Input Overvoltage Performance, G = 5, Vs = 2.7 V
16
14
–14
12
–12
10
–10
8
–8
6
–6
4
–4
2
–2
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–16
–0.5
–40 –35 –30 –25 –20 –15 –10 –5 0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = ±15V, G = 100
VOUT
IIN
Figure 20. Input Overvoltage Performance, G = 100, Vs = ±15 V


Similar Part No. - AD8227BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8227BRZ-RL1 AD-AD8227BRZ-RL1 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results

Similar Description - AD8227BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com