Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83723-35N-24A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83723-35N-24A
Description  Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83723-35N-24A Datasheet(HTML) 1 Page - Glenair, Inc.

  M83723-35N-24A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
61-4
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
M83723/35N
"E" Nuts
Shell
Size
08
10
11
13
15
16
17
18
20
22
24
28
32
36
40
F
Max
.257
(6.5)
.310
(7.9)
.390
(9.9)
.415 (10.5)
.497 (12.6)
.616 (15.6)
.616 (15.6)
.735 (18.7)
.875 (22.2)
.983 (25.0)
1.095 (27.8)
1.255 (31.9)
1.525 (38.7)
1.760 (44.7)
2.020 (51.3)
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
G
Max
.900 (22.9)
.900 (22.9)
.980 (24.9)
.995 (25.3)
1.160 (29.5)
1.260 (32.0)
1.260 (32.0)
1.455 (37.0)
1.580 (40.1)
1.580 (40.1)
1.890 (48.0)
1.890 (48.0)
2.215 (56.3)
2.405 (61.1)
2.781 (70.6)
TABLE I
M83723/35N 22 A
Basic Part No.
Dash No.
Finish
A = Black Anodize
R = Electroless Nickel
A Thread
B
F
E
Glenair Connector
Designator K
MIL-DTL-83723 Series II
E
Max
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.970 (24.6)
.780 (19.8)
1.050 (26.7)
1.050 (26.7)
1.050 (26.7)
.970 (24.6)
.970 (24.6)
.970 (24.6)
.970 (24.6)
1.450 (36.8)
Shell Size
Ref.
8S
10S
10SL
12S
14S
16
16S
18
20
22
24
28
32
36
40
G
Grounding Screws (2)
(Typical)
B Dia
Max
.59 (15.0)
.65 (16.5)
.73 (18.5)
.77 (19.6)
.91 (23.1)
1.03 (26.2)
1.03 (26.2)
1.17 (29.7)
1.30 (33.0)
1.42 (36.1)
1.54 (39.1)
1.80 (45.7)
2.04 (51.8)
2.27 (57.7)
2.78 (70.6)
A Thread
Class 2B
.438 - 28 UNEF
.500 - 28 UNEF
.562 - 24 UNEF
.625 - 24 UNEF
.750 - 20 UNEF
.875 - 20 UNEF
.875 - 20 UNEF
1.000 - 20 UNEF
1.125 - 18 UNEF
1.250 - 18 UNEF
1.375 - 18 UNEF
1.625 - 18 UNEF
1.875 - 16 UN
2.125 - 16 UN
2.375 - 16 UN


Similar Part No. - M83723-35N-24A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83723-35M-08A GLENAIR-M83723-35M-08A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-08R GLENAIR-M83723-35M-08R Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-10A GLENAIR-M83723-35M-10A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-10R GLENAIR-M83723-35M-10R Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-11A GLENAIR-M83723-35M-11A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
More results

Similar Description - M83723-35N-24A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-861A16 GLENAIR-759-861A16_10 Datasheet
289Kb / 2P
   Connector to Connector
759-861A16 GLENAIR-759-861A16 Datasheet
215Kb / 2P
   Connector to Connector
logo
PHOENIX CONTACT
1132718 PHOENIX-1132718 Datasheet
53Kb / 2P
   Connector - EV-T2M3SL12-CONNECTOR
logo
Glenair, Inc.
240-383AM15-35PSP GLENAIR-240-383AM15-35PSP Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
logo
Allied Components Inter...
AR26-4057 ALLIED-AR26-4057 Datasheet
1Mb / 2P
   Connector
logo
CW Industries
C1AXS-2036G CWIND-C1AXS-2036G Datasheet
507Kb / 1P
   CONNECTOR
logo
Glenair, Inc.
M85049-27S8N GLENAIR-M85049-27S8N Datasheet
73Kb / 1P
   Connector
logo
Pepperl+Fuchs Inc.
ICZ-AIDA3-MSTB PF-ICZ-AIDA3-MSTB Datasheet
335Kb / 2P
   Connector
logo
CW Industries
C3APS-1006G CWIND-C3APS-1006G Datasheet
634Kb / 1P
   CONNECTOR
C1BXS-1036M CWIND-C1BXS-1036M Datasheet
566Kb / 1P
   CONNECTOR
logo
Pepperl+Fuchs Inc.
ICZ-AIDA1-V45 PF-ICZ-AIDA1-V45 Datasheet
495Kb / 2P
   Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com