Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83723-61-118W Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83723-61-118W
Description  Dummy Stowage Receptacles
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83723-61-118W Datasheet(HTML) 1 Page - Glenair, Inc.

  M83723-61-118W Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
65-11
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
O-Ring
E Dia
J Thread
.062 (1.6)
.718 (18.2)
.718
(18.2)
O-Ring
.062 (1.6)
F
Dim
.812 (20.6)
.937 (23.8)
1.031 (26.2)
1.125 (28.6)
1.250 (31.8)
1.343 (34.1)
1.437 (36.5)
1.562 (39.7)
1.703 (43.3)
G
Dim
.594 (15.1)
.719 (18.3)
.812 (20.6)
.906 (23.0)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
E Max
Dia
.561 (14.2)
.696 (17.7)
.875 (22.2)
.935 (23.7)
1.062 (27.0)
1.187 (30.1)
1.312 (33.3)
1.437 (36.5)
1.562 (39.7)
H Dia
G
J
Thread
9/16 - 24 UNEF
11/16 - 24 UNEF
7/8 - 20 UNEF
15/16 - 20 UNEF
1 1/16 - 18 UNEF
1 3/16 - 18 UNEF
1 5/16 - 18 UNEF
1 7/16 - 18 UNEF
1 9/16 - 18 UNEF
MS27296
MS27297
Dash No.
7
1
2
3
4
5
8
6
9
F
H Max
Dia
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.154
(3.9)
MS27296-5
Basic Part No.
MS27296 Threaded Coupling
MS27297 Bayonet Coupling
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. MS27296 and MS27297 finish is black anodize
TABLE I
M83723/61, MS27296 and MS27297
Dummy Stowage Receptacles
M83723/61-1
MS27296
M83723/61-2
MS27297
Mating Connector
MIL-DTL-26500
Dash No.
M83723
Shell
Size
8
10
12
14
16
18
20
22
24
M83723/61-1 18 A
Finish
A = Black Anodize
R = Electroless Nickel
W = Cadmium Olive Drab
Over Electroless Nickel
Basic Part No.
M83723/61-1 Threaded Coupling
M83723/61-2 Bayonet Coupling
Shell Size
Superceded Part Number
65 N Dummies.p65
4/2/2009, 5:38 PM
11


Similar Part No. - M83723-61-118W

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M83723-13R1006N AMPHENOL-M83723-13R1006N Datasheet
56Kb / 1P
   SERIES I CRIMP REAR RELEASE
logo
Glenair, Inc.
M83723-20 GLENAIR-M83723-20 Datasheet
58Kb / 1P
   Military Standard Connector Index
M83723-27M-08 GLENAIR-M83723-27M-08 Datasheet
72Kb / 1P
   Shrink Boot Adapters
M83723-27M-10 GLENAIR-M83723-27M-10 Datasheet
72Kb / 1P
   Shrink Boot Adapters
M83723-27M-11 GLENAIR-M83723-27M-11 Datasheet
72Kb / 1P
   Shrink Boot Adapters
More results

Similar Description - M83723-61-118W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IPT3115 GLENAIR-IPT3115 Datasheet
168Kb / 1P
   Dummy Stowage Receptacles
650BS012B20 GLENAIR-650BS012B20 Datasheet
25Kb / 1P
   Dummy Stowage Receptacles
650JS002M16 GLENAIR-650JS002M16 Datasheet
32Kb / 1P
   Dummy Stowage Receptacles
650FS002M16 GLENAIR-650FS002M16 Datasheet
27Kb / 1P
   Dummy Stowage Receptacles
650GS007M19 GLENAIR-650GS007M19 Datasheet
30Kb / 1P
   Dummy Stowage Receptacles
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
   Dummy Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
   Dummy Stowage Receptacle
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
   Dummy Stowage Receptacle
650DS001B16 GLENAIR-650DS001B16 Datasheet
25Kb / 1P
   Dummy Stowage Receptacle
M38999-108B GLENAIR-M38999-108B Datasheet
74Kb / 1P
   Dummy Stowage Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com