Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-25-26 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-25-26
Description  EMI/RFI Non-Environmental Backshells
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-25-26 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-25-26 Datasheet HTML 1Page - Glenair, Inc. M85049-25-26 Datasheet HTML 2Page - Glenair, Inc. M85049-25-26 Datasheet HTML 3Page - Glenair, Inc. M85049-25-26 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
38-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/25 and MS3437C
EMI/RFI Non-Environmental Backshells
CL
E
A Thread
K
Cable
Range
STYLE 2
E
1. For complete dimensions see applicable Military
Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. When maximum cable entry is exceeded, Style 2 will
be supplied.
4. Cable range is defined as the accommodations range
for the wire bundle or cable. Dimensions shown are
not intended for inspection criteria.
STYLE 1
Shell
Size
03
08
10
12
14
16
18
20
22
24
28
32
36
40
44
48
61
TABLE I
A Thread
Class 2B
.562 - 24 UNEF
.500 - 20 UNF
.625 - 24 UNEF
.750 - 20 UNEF
.875 - 20 UNEF
1.000 - 20 UNEF
1.062 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
1.750 - 18 UNS
2.000 - 18 UNS
2.250 - 16 UN
2.500 - 16 UN
2.750 - 16 UN
3.000 - 16 UN
1.500 - 18 UNEF
C Dia
Max
.77 (19.6)
.65 (16.5)
.77 (19.6)
.40 (10.2)
1.02 (25.9)
1.21 (30.7)
1.23 (31.2)
1.36 (34.5)
1.48 (37.6)
1.73 (43.9)
1.97 (50.0)
2.22 (56.4)
2.47 (62.7)
2.72 (69.1)
2.97 (75.4)
3.22 (81.8)
1.67 (42.4)
MS3437C 21 N
Basic Part No.
Dash No. (Table II)
Finish
A = Cadmium Olive Drab over Nickel
C = Cadmium Olive Drab
N = Electroless Nickel
M85049/25-21 N
Basic Part No.
Dash No. (Table II)
Finish and Material
B = Black Cadmium, Stainless Steel
N = Electroless Nickel, Aluminum
S = Passivated Stainless Steel
W = 1,000 Hour Cadmium Olive Drab
Over Electroless Nickel, Aluminum
Glenair Connector
Designator A
MIL-DTL-5015 Series 3400,
MIL-DTL-26482 Series 2,
AS81703 Series 3,
MIL-DTL-83723 Series I &
III, 40M39569, DEF 5326-3,
EN 2997, EN 3646,
ESC 10, ESC 11, LN 29504,
NFC93422 Series HE302,
PAN 6432-1, PAN 6432-2,
PATT 602
Superceded Part Number


Similar Part No. - M85049-25-26

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-25-A GLENAIR-M85049-25-A Datasheet
253Kb / 1P
   Mounting Flange, Full Perimeter
M85049-25-A GLENAIR-M85049-25-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
More results

Similar Description - M85049-25-26

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-1909N01A GLENAIR-M85049-1909N01A Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshells
M85049-23-01 GLENAIR-M85049-23-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
M85049-37-8N01 GLENAIR-M85049-37-8N01 Datasheet
36Kb / 1P
   EMI/RFI Non-Environmental Backshells
M85049-24-01 GLENAIR-M85049-24-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
M85049-6-01 GLENAIR-M85049-6-01 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com