Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-4W28A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-4W28A
Description  Environmental Backshells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-4W28A Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-4W28A Datasheet HTML 1Page - Glenair, Inc. M85049-4W28A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
37-8
AS85049/4 Style 1
Environmental Backshells
Glenair Connector
Designator C
MIL-C-22992
Classes C, J, and R
E
F
B
A Thread
Note 4
1.50 (38.1) Max
H
G
J Thread
J Thread
TYPE A - Plug Cap
For use with MS17344
TYPE B - Receptacle Cap
For use with MS17343,
MS17345, and MS17347
TABLE I
G Dia
Max
1.094 (27.8)
1.219 (31.0)
1.469 (37.3)
1.562 (39.7)
1.688 (42.9)
1.938 (49.2)
2.219 (56.4)
2.469 (62.7)
2.719 (69.1)
2.969 (75.4)
3.217 (81.7)
B Dia
±.015
(.4)
.933 (23.7)
1.057 (26.8)
1.307 (33.2)
1.433 (36.4)
1.557 (39.5)
1.807 (45.9)
2.057 (52.2)
2.307 (58.6)
2.557 (64.9)
2.870 (72.9)
3.120 (79.2)
Shell
Size
12
14
18
20
22
24
28
32
36
40
44
J Thread (plated)
Class 2 (A or B)
0.875-0.1P-0.2L-DS
1.000-0.1P-0.2L-DS
1.250-0.1P-0.2L-DS
1.375-0.1P-0.2L-DS
1.500-0.1P-0.2L-DS
1.750-0.1P-0.2L-DS
2.000-0.1P-0.2L-DS
2.250-0.1P-0.2L-DS
2.500-0.1P-0.2L-DS
2.750-0.1P-0.2L-DS
3.000-0.1P-0.2L-DS
H
Max
.765 (19.4)
.765 (19.4)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
A Thread
Class 2B-LH
.7500 - 20 UNEF
.8750 - 20 UNEF
1.1250 - 18 UNEF
1.2500 - 18 UNEF
1.3750 - 18 UNEF
1.6250 - 18 UNEF
1.8750 - 16 UN
2.0625 - 16 UNS
2.3125 - 16 UNS
2.6250 - 16 UN
2.8750 - 16 UN
M85049/4 W 10 A 1
Basic Part No.
Body and Cap Finish
A = Anodize
W = 1,000 Hour Cadmium Olive Drab
Over Electroless Nickel
Style 1
Type (A or B)
Dash Number
(Table II)


Similar Part No. - M85049-4W28A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-41-10A GLENAIR-M85049-41-10A Datasheet
74Kb / 1P
   Strain Reliefs
logo
Amphenol Corporation
M85049-41-10A AMPHENOL-M85049-41-10A Datasheet
1Mb / 57P
   Cylindrical Connectors
logo
Glenair, Inc.
M85049-41-12A GLENAIR-M85049-41-12A Datasheet
74Kb / 1P
   Strain Reliefs
M85049-41-16A GLENAIR-M85049-41-16A Datasheet
74Kb / 1P
   Strain Reliefs
M85049-41-20A GLENAIR-M85049-41-20A Datasheet
74Kb / 1P
   Strain Reliefs
More results

Similar Description - M85049-4W28A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
   Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
   Environmental Backshells
M85049-3A1A GLENAIR-M85049-3A1A Datasheet
78Kb / 1P
   Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-5A1A GLENAIR-M85049-5A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-7-1 GLENAIR-M85049-7-1 Datasheet
85Kb / 2P
   Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com