Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-38S17N Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-38S17N
Description  Strain Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-38S17N Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-38S17N Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
62-11
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/38
Strain Relief
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable Entry is defined as the accomodation entry for the wire bundle or cable.
Dimensions are not intended for inspection criteria.
A Thread
E
Self-Locking Only
F
Self-Locking
Only
H
Cable
Entry
TABLE I
Shell
Size
9
11
13
15
17
19
21
23
25
Shell
Size
Ref.
A
B
C
D
E
F
G
H
J
Glenair Connector
Designator H
MIL-DTL-38999
Series III & IV,
EN3645
F Max
Self-Locking
Only
.91
(23.1)
.91
(23.1)
1.01
(25.7)
1.06
(26.9)
1.16
(29.5)
1.41
(35.8)
1.51
(38.4)
1.66
(42.2)
1.76
(44.7)
Min
.098
(2.5)
.153
(3.9)
.190
(4.8)
.260
(6.6)
.283
(7.2)
.325
(8.3)
.343
(8.7)
.381
(9.7)
.418 (10.6)
Max
.234
(5.9)
.234
(5.9)
.328
(8.3)
.457 (11.6)
.614 (15.6)
.634 (16.1)
.698 (17.7)
.823 (20.9)
.853 (21.7)
Cable Entry
H
Max
.85
(21.6)
.90
(22.9)
1.10
(27.9)
1.15
(29.2)
1.30
(33.0)
1.50
(38.1)
1.60
(40.6)
1.70
(43.2)
1.80
(45.7)
M85049/38 S 11 W
Basic Part No.
S = Self-Locking
Use Dash for Non-Self-Locking
Shell Size
Material and Finish Designator
A = Aluminum, Black Anodize
N = Aluminum, Electroless Nickel
S = 300 Series Steel, Passivated
W = Aluminum, 500 Hour Cadmium Olive Drab
Over Electroless Nickel
A Thread
Class 2B
M12 X 1 - 6H
M15 X 1 - 6H
M18 X 1 - 6H
M22 X 1 - 6H
M25 X 1 - 6H
M28 X 1 - 6H
M31 X 1 - 6H
M34 X 1 - 6H
M37 X 1 - 6H
E Dia Max
Self-Locking
Only
.858 (21.8)
.984 (25.0)
1.157 (29.4)
1.279 (32.5)
1.406 (35.7)
1.516 (38.5)
1.642 (41.7)
1.768 (44.9)
1.889 (48.0)
Note: Screw orientation shown is for
non-self-locking configuration. Screws
on self-locking configurations are on
the same side/face of the clamp.


Similar Part No. - M85049-38S17N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-3-A GLENAIR-M85049-3-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
M85049-30-08N GLENAIR-M85049-30-08N Datasheet
73Kb / 1P
   Ring Backshells
M85049-30-08W GLENAIR-M85049-30-08W Datasheet
73Kb / 1P
   Ring Backshells
M85049-30-10N GLENAIR-M85049-30-10N Datasheet
73Kb / 1P
   Ring Backshells
M85049-30-10W GLENAIR-M85049-30-10W Datasheet
73Kb / 1P
   Ring Backshells
More results

Similar Description - M85049-38S17N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
   Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
   Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
   Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
   Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
   Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
   Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
   Strain Relief
620FB049 GLENAIR-620FB049 Datasheet
288Kb / 1P
   Strain Relief
620ES050M16 GLENAIR-620ES050M16 Datasheet
28Kb / 1P
   Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com