Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-16G13W Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-16G13W
Description  Strain Reliefs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-16G13W Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-16G13W Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
45-3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/15 and AS85049/16
Qwik-Ty® Strain Reliefs
M85049/15 G 11 W
Basic Part No.
M85049/15 = 45°
M85049/16 = 90°
Configuration
G = Self-Locking with
Ground Lug
S = Self-Locking without
Ground Lug
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
A Thread
Typ.
E
Dia
.690
(17.5)
Max
MS3367-1
Tie Strap or
Equivalent
(Typical)
F
G
H
F
E
Dia
Finish
N = Electroless Nickel
W = 1,000 Hour Cadmium Olive Drab
Over Electroless Nickel
Shell Size
Ground Lug
Typical on
M85049/15G and
M85049/16G only
Self-Locking
Coupling
Glenair Connector
Designator H
MIL-DTL-38999
Series III & IV,
EN3645
Shell
Size
9
11
13
15
17
19
21
23
25
F Max
Cable Entry
.264
(6.7)
.392 (10.0)
.506 (12.9)
.631 (16.0)
.756 (19.2)
.845 (21.5)
.970 (24.6)
1.095 (27.8)
1.220 (31.0)
TABLE I
M85049/15S
G Max
1.03
(26.2)
1.03
(26.2)
1.03
(26.2)
1.09
(27.7)
1.11
(28.2)
1.21
(30.7)
1.26
(32.0)
1.30
(33.0)
1.34
(34.0)
M85049/16
H Max
1.22
(31.0)
1.29
(32.8)
1.62
(41.1)
1.66
(42.2)
1.72
(43.7)
1.72
(43.7)
1.79
(45.5)
1.85
(47.0)
1.91
(48.5)
M85049/15G
G Max
1.21
(30.7)
1.21
(30.7)
1.39
(35.3)
1.39
(35.3)
1.39
(35.3)
1.39
(35.3)
1.39
(35.3)
1.39
(35.3)
1.39
(35.3)
A Thread
Class 2B
M12 X 1 - 6H
M15 X 1 - 6H
M18 X 1 - 6H
M22 X 1 - 6H
M25 X 1 - 6H
M28 X 1 - 6H
M31 X 1 - 6H
M34 X 1 - 6H
M37 X 1 - 6H
E Dia
Max
.86 (21.8)
.94 (23.9)
1.16 (29.5)
1.28 (32.5)
1.41 (35.8)
1.52 (38.6)
1.64 (41.7)
1.77 (45.0)
1.89 (48.0)
45 I Qwik-Ty SR.p65
9/21/2008, 8:43 PM
3


Similar Part No. - M85049-16G13W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-16-A GLENAIR-M85049-16-A Datasheet
253Kb / 1P
   Mounting Flange, Full Perimeter
M85049-16-A GLENAIR-M85049-16-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
M85049-16A-A GLENAIR-M85049-16A-A Datasheet
214Kb / 1P
   Mounting Flange, 3/4 Perimeter
M85049-16B-A GLENAIR-M85049-16B-A Datasheet
214Kb / 1P
   Mounting Flange, 3/4 Perimeter
More results

Similar Description - M85049-16G13W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-49-51S8A GLENAIR-M85049-49-51S8A Datasheet
31Kb / 2P
   Strain Reliefs
M85049-49-52S8A GLENAIR-M85049-49-52S8A Datasheet
80Kb / 2P
   Strain Reliefs
M85049-41-3A GLENAIR-M85049-41-3A Datasheet
74Kb / 1P
   Strain Reliefs
M83723-50R-08A GLENAIR-M83723-50R-08A Datasheet
82Kb / 1P
   Strain Reliefs
M85049-42-4DN GLENAIR-M85049-42-4DN Datasheet
75Kb / 1P
   Strain Reliefs
M85049-49-55G03A GLENAIR-M85049-49-55G03A Datasheet
32Kb / 1P
   Strain Reliefs
M85049-56G08A GLENAIR-M85049-56G08A Datasheet
114Kb / 1P
   Strain Reliefs
M85049-1-3B GLENAIR-M85049-1-3B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-2-3C GLENAIR-M85049-2-3C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-47-SN8 GLENAIR-M85049-47-SN8 Datasheet
93Kb / 1P
   Strain Reliefs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com