Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-3A8B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-3A8B
Description  Environmental Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-3A8B Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-3A8B Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
37-5
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/3 Style 1
Environmental Backshells
M85049/3 W 10 A 1
Basic Part No.
Body and Cap Finish
A = Anodize
W = 1,000 Hour Cadmium Olive Drab
Over Electroless Nickel
Style 1
Type (A or B)
Dash Number
(Table II)
Glenair Connector Designator C
MIL-C-22992 Classes C, J, and R
1. For complete dimensions see applicable Military Specification.
2. Cable range is defined as the accommodations range for the
wire bundle or cable. Dimensions shown are not intended for
inspection criteria.
3. Approx. Chain Lengths: Dash No. 01-12 = 5.0 (127.0);
Dash No. 13-29 = 6.0 (152.4)
E
B
A Thread
Note 4
1.50 (38.1) Max
H
G
J Thread
J Thread
TYPE A - Plug Cap
For use with MS17344
TYPE B - Receptacle Cap
For use with MS17343,
MS17345, and MS17347
Min
.281 (7.1)
.188 (4.8)
.344 (8.7)
.511 (13.0)
.436 (11.1)
.311 (7.9)
.531 (13.5)
.605 (15.4)
.406 (10.3)
.361 (9.2)
.715 (18.2)
.449 (11.4)
.637 (16.2)
.787 (20.0)
.692 (17.6)
.930 (23.6)
.675 (17.1)
.984 (25.0)
.755 (19.2)
1.055 (26.8)
1.105 (28.1)
1.185 (30.1)
1.320 (33.5)
1.406 (35.7)
1.250 (31.8)
1.531 (38.9)
1.437 (36.5)
2.105 (53.5)
2.025 (51.4)
Dash
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
TABLE II
Max
.375
(9.5)
.281
(7.1)
.438 (11.1)
.605 (15.4)
.530 (13.5)
.405 (10.3)
.625 (15.9)
.699 (17.8)
.500 (12.7)
.455 (11.6)
.828 (21.0)
.562 (14.3)
.750 (19.1)
.900 (22.9)
.805 (20.4)
1.055 (26.8)
1.000 (25.4)
1.109 (28.2)
.880 (22.4)
1.180 (30.0)
1.230 (31.2)
1.310 (33.3)
1.455 (37.0)
1.531 (38.9)
1.375 (34.9)
1.656 (42.1)
1.562 (39.7)
2.250 (57.2)
2.170 (55.1)
Cable Range
Shell
Size
12
12
14
16
16
16
18
18
18
18
20
20
22
22
22
24
24
24
24
28
28
28
32
32
32
36
36
44
44
E
Max
3.365 (85.5)
3.678 (93.4)
4.177 (106.1)
4.489 (114.0)
4.615 (117.2)
4.647 (118.0)
4.896 (124.4)
4.959 (126.0)
5.021 (127.5)
5.083 (129.1)
6.471 (164.4)
TABLE I
G Dia
Max
1.094 (27.8)
1.219 (31.0)
1.344 (34.1)
1.469 (37.3)
1.562 (39.7)
1.688 (42.9)
1.938 (49.2)
2.219 (56.4)
2.469 (62.7)
2.719 (69.1)
3.217 (81.7)
B Dia
±.015
(.4)
.933 (23.7)
1.057 (26.8)
1.183 (30.0)
1.307 (33.2)
1.433 (36.4)
1.557 (39.5)
1.807 (45.9)
2.057 (52.2)
2.307 (58.6)
2.557 (64.9)
3.120 (79.2)
Shell
Size
12
14
16
18
20
22
24
28
32
36
44
J Thread (plated)
Class 2 (A or B)
0.875-0.1P-0.2L-DS
1.000-0.1P-0.2L-DS
1.125-0.1P-0.2L-DS
1.250-0.1P-0.2L-DS
1.375-0.1P-0.2L-DS
1.500-0.1P-0.2L-DS
1.750-0.1P-0.2L-DS
2.000-0.1P-0.2L-DS
2.250-0.1P-0.2L-DS
2.500-0.1P-0.2L-DS
3.000-0.1P-0.2L-DS
H
Max
.765 (19.4)
.765 (19.4)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
A Thread
Class 2B-LH
.7500 - 20 UNEF
.8750 - 20 UNEF
1.0000 - 20 UNEF
1.1250 - 18 UNEF
1.2500 - 18 UNEF
1.3750 - 18 UNEF
1.6250 - 18 UNEF
1.8750 - 16 UN
2.0625 - 16 UNS
2.3125 - 16 UNS
2.8750 - 16 UN


Similar Part No. - M85049-3A8B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-3A-A GLENAIR-M85049-3A-A Datasheet
214Kb / 1P
   Mounting Flange, 3/4 Perimeter
More results

Similar Description - M85049-3A8B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
   Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
   Environmental Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-5A1A GLENAIR-M85049-5A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-7-1 GLENAIR-M85049-7-1 Datasheet
85Kb / 2P
   Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com