Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P506-30 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P506-30
Description  Packaged PIN Diodes RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P506-30 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4P506-30 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P506-30 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P506-30 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P506-30 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P506-30 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P506-30 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P506-30 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Packaged PIN Diodes
RoHS Compliant
Rev V.9
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Features
♦ High Power
♦ Fast Speed
♦ Voltage Ratings to 1500 Volts
♦ Wide Selection of Carrier Lifetimes
♦ Wide Selection of Capacitances
♦ Assortment of Packages Styles
♦ Available Screened for Military Applications
Description and Applications
M/A-COM's broad line of packaged PIN diodes
encompasses a comprehensive range of electrical
characteristics and package outlines. This diverse union
of semiconductor technology and chip packaging gives
considerable flexibility to the circuit designer. The fast
switching series of packaged PIN diodes utilize a thin
I-region and silicon oxide or glass passivated chips
which provide for low leakage currents and low insertion
loss. Using in process control monitors to regulate wafer
fabrication parameters these devices achieve consistent
performance in control circuit applications. The high
voltage product line of packaged PIN diodes employs
M/A-COM's unique CERMACHIP
® passivation process
which provides for a hard glass encapsulation that
hermetically seals the active area of the chip. These
packaged CERMACHIP
® PIN diodes are ideally suited
for use in high power applications where high RF
voltages are present. The diode chips are bonded into
sealed ceramic packages that are designed for the most
stringent electrical and environmental conditions. A wide
choice of packages are available which can be mounted
into a variety of microwave and RF circuit media. The
Packaged PIN Diodes series are designed to have a
high inherent reliability and may be ordered screened to
meet many MIL-STD reliability levels.
Absolute Maximum Ratings1
1. Operation beyond any one of the above conditions may
cause permanent damage to the device.
Cathode Heatsink Packages
30,31,32,36,43,94,111,120,
150,255 258,296,1072,1079
Pdiss =
T (max Operating)-25°C
Thermal Resistance
Leaded Packages
@+25°C
144, 186, 276,1088
Pdiss = 250mW
Surface Mount Package
+25°C
1056
Pdiss = 300mW
Maximum Power Dissipation
Co-Axial Packages
Leaded/Surface Mount Packages
Threaded Packages
Specifications subject to change without prior notification.
Unpackaged Die
Parameter
Absolution Max.
Voltage
As Specified in Table
Operating Temperature
- 65°C to +175°C
Storage Temperature
- 65°C to +200°C
Operating and Storage
(Case Style 1088)
- 65°C to +125°C
31,32,94
36
1056
120,255
276
186
30, 296
1088
1072,1079
150
111
43
258
131,132.134 , 212
Thru
Hole
144


Similar Part No. - MA4P506-30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P506-131 MACOM-MA4P506-131 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4P506-255 MA-COM-MA4P506-255 Datasheet
67Kb / 1P
   Packaged PIN Diodes - ODS-255 Case Style
More results

Similar Description - MA4P506-30

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7461F-1072T MA-COM-MA4P7461F-1072T Datasheet
125Kb / 5P
   Packaged PIN Diodes RoHs Compliant
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES_15 Datasheet
389Kb / 7P
   Packaged PIN Diodes
ODS-255 MA-COM-ODS-255 Datasheet
67Kb / 1P
   Packaged PIN Diodes
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES Datasheet
389Kb / 7P
   Packaged PIN Diodes
ODS-255 MA-COM-ODS-255_15 Datasheet
67Kb / 1P
   Packaged PIN Diodes
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
logo
Vishay Siliconix
BPV10 VISHAY-BPV10_08 Datasheet
107Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 08-Sep-08
TEMD1000 VISHAY-TEMD1000_08 Datasheet
238Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.1, 08-Sep-08
logo
M/A-COM Technology Solu...
MA4SPS302 MA-COM-MA4SPS302 Datasheet
107Kb / 4P
   SURMOUNTTM PIN Diode RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com