Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-49-55S14A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-49-55S14A
Description  Strain Reliefs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-49-55S14A Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-49-55S14A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
45-4
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/53, AS85049/54, and AS85049/55
Qwik-Ty® Strain Reliefs
Shell
Size
03
08
10
12
14
16
18
20
22
24
28
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable entry is defined as the accomodation range for the wire bundle or
cable. Dimensions shown are not intended for inspection criteria.
F
Cable Entry
.260 (6.6)
.260 (6.6)
.365 (9.3)
.501 (12.7)
.575 (14.6)
.700 (17.8)
.779 (19.8)
.904 (23.0)
1.029 (26.1)
1.144 (29.1)
1.379 (35.0)
TABLE I
G
Max
.903 (22.9)
.903 (22.9)
.903 (22.9)
.903 (22.9)
.973 (24.7)
.973 (24.7)
.973 (24.7)
1.259 (32.0)
1.379 (35.0)
1.509 (38.3)
1.509 (38.3)
H
Max
1.181 (30.0)
1.181 (30.0)
1.181 (30.0)
1.181 (30.0)
1.181 (30.0)
1.181 (30.0)
1.181 (30.0)
1.431 (36.3)
1.431 (36.3)
1.431 (36.3)
1.418 (36.0)
J
Max
.73 (18.5)
.73 (18.5)
.73 (18.5)
.73 (18.5)
.73 (18.5)
.73 (18.5)
.73 (18.5)
.75 (19.1)
.75 (19.1)
.75 (19.1)
.75 (19.1)
K
Max
1.29 (32.8)
1.29 (31.0)
1.29 (32.8)
1.62 (41.1)
1.66 (42.2)
1.72 (43.7)
1.72 (43.7)
1.79 (45.5)
1.85 (47.0)
1.91 (48.5)
2.06 (52.3)
A Thread
Typ.
C
J
Self
Lock.
MS3367-1
Tie Strap or
Equivalent
(Typical)
F
G
F
K
F
H
C Non-Self Lock.
E Self Locking
* Consult factory for availability
Glenair Connector
Designator A
MIL-DTL-5015 Series 3400,
MIL-DTL-26482 Series 2,
AS81703 Series 3,
MIL-DTL-83723 Series I &
III, 40M39569, DEF 5326-3,
EN 2997, EN 3646,
ESC 10, ESC 11, LN 29504,
NFC93422 Series HE302,
PAN 6432-1, PAN 6432-2,
PATT 602
Ground Lug
(G Option)
M85049/55 G 22 W
Basic Part No.
M85049/53 = Straight
M85049/54 = 45°
M85049/55 = 90°
Configuration
G = Non-Self-Locking with
Ground Lug (/55 Only)
S = Self-Locking without
Ground Lug (/55 Only)
T = Self-Locking with Ground Lug
Use Dash for Non-Self-Locking
Finish
A = Black Anodize
W = 1,000 Hr. Cadmium Olive
Drab Over Electroless Nickel
Shell Size
FOR NEW DESIGN
APPLICATIONS
USE M85049/43 (45°),
M85049/51 (90°), and
M85049/52 (Str.),
C
A Thread
Class 2B
.562 - 24 UNEF
.500 - 20 UNF
.625 - 24 UNEF
.750 - 20 UNEF
.875 - 20 UNEF
1.000 - 20 UNEF
1.062 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
1.750 - 18 UNS
C Dia
Max
.78 (19.8)
.66 (16.8)
.78 (19.8)
.94 (23.9)
1.05 (26.7)
1.24 (31.5)
1.38 (35.1)
1.50 (38.1)
1.63 (41.4)
1.75 (44.5)
1.97 (50.0)
E Dia
Max
1.01 (25.7)
.89 (22.6)
1.01 (25.7)
1.14 (29.0)
1.26 (32.0)
1.39 (35.3)
1.51 (38.4)
1.64 (41.7)
1.76 (44.7)
1.89 (48.0)
2.14 (54.4)
45 I Qwik-Ty SR.p65
8/6/2008, 6:05 PM
4


Similar Part No. - M85049-49-55S14A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-49-50-1F GLENAIR-M85049-49-50-1F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-2F GLENAIR-M85049-49-50-2F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-3F GLENAIR-M85049-49-50-3F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-4F GLENAIR-M85049-49-50-4F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-5F GLENAIR-M85049-49-50-5F Datasheet
71Kb / 1P
   Rectangular Backshells
More results

Similar Description - M85049-49-55S14A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-49-51S8A GLENAIR-M85049-49-51S8A Datasheet
31Kb / 2P
   Strain Reliefs
M85049-49-52S8A GLENAIR-M85049-49-52S8A Datasheet
80Kb / 2P
   Strain Reliefs
M85049-41-3A GLENAIR-M85049-41-3A Datasheet
74Kb / 1P
   Strain Reliefs
M83723-50R-08A GLENAIR-M83723-50R-08A Datasheet
82Kb / 1P
   Strain Reliefs
M85049-15G9N GLENAIR-M85049-15G9N Datasheet
29Kb / 1P
   Strain Reliefs
M85049-42-4DN GLENAIR-M85049-42-4DN Datasheet
75Kb / 1P
   Strain Reliefs
M85049-56G08A GLENAIR-M85049-56G08A Datasheet
114Kb / 1P
   Strain Reliefs
M85049-1-3B GLENAIR-M85049-1-3B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-2-3C GLENAIR-M85049-2-3C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-47-SN8 GLENAIR-M85049-47-SN8 Datasheet
93Kb / 1P
   Strain Reliefs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com