Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P505-1072T Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P505-1072T
Description  Packaged PIN Diodes RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P505-1072T Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4P505-1072T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P505-1072T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P505-1072T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P505-1072T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P505-1072T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P505-1072T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P505-1072T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Packaged PIN Diodes
RoHS Compliant
Rev V.9
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Ordering Information
The Packaged PIN Diode specifications shown in the tables on pages 2, 3, & 4 are for the standard style package. The
standard package style is indicated by the number following the dash after the base part number. Note that the
specification tables lists the total diode capacitance for the standard case style. The total capacitance for the base part
in an alternative package will differ and is computed by adding the junction capacitance of the chip and the parasitic
capacitance of the alternative package as defined in the Package Parasitic Capacitance table below. To compute the
chip junction capacitance, subtract the total capacitance shown in the specifications tables on pages 2, 3, & 4 from the
appropriate standard style package capacitance below The various base part numbers are only available in the case
styles shown in the Package Availability Table below. To order, indicate the base part number followed by a dash and
the desired package style.
For example
: The MA4P506-258 is the MA4P506 chip in the 258 style package.
Maximum Soldering Temperature
For hand soldering operation:
Case Style
: 144,150*,186, 258*, 1088, 1072, 1079 ♦ 265°C maximum for 5 seconds
Case Style:
120, 255, 276 ♦ 265°C maximum for 5 seconds.
Case Style:
30*, 31, 32, 36*, 43*, 94, 111* , 296* ♦ 225°C maximum for 5 seconds.
*Note:
Package styles that are threaded or have pronged ends rely on a pressure connection and do not require solder
attachment but can be soldered if desired.
For solder reflow profiles:
Refer to application note M-538 on the M/A-COM website using the following link:
http://www.macomtech.com/Application%20Notes/pdf/M538.pdf
Package Availability Table
*Note: “T” after the package style number indicates tape and reel.
Base Part Number
Available ODS Package Styles
MA4P202
120, 134, 276, 1056
MA4P203
30, 32, 94, 111, 134, 1056
MA4P303
32, 36, 94, 120, 186, 255, 1088
MA4P404
30, 31, 36, 111, 132, 258,1072T*
MA4P504
30, 120, 132, 144, 186, 255,1072T*
MA4P505
36, 131, 255, 1072T
*
MA4P506
30, 31, 36, 131, 255, 258, 1072T
*
MA4P604
30, 43, 131, 255, 258
MA4P606
30, 36, 131, 258
MA4P607
43, 212, 296
MA4P709
150
MADP000015-000030
30
MA4PH235
1072T
*
MA4PH236
1072T
*
MA4PH237
1079T
*
MA4PH238
1072T
*
MA4PH239
1079T
*
MADP-000234
10720T* (1072 package style)
Package dimensions can be found on the M/A-COM website at http://www.macomtech.com/TechApps/OutlineDrawings.asp
Tape and reel information can be found on the M/A-COM website at http://www.macomtech.com/Application%20Notes/pdf/M513.pdf
Package Style
Cap. (pF)
30
0.18
31
0.18
32
0.30
36
0.18
43
0.75
94
0.15
111
0.27
120
0.13
131
N/A (chip)
132
N/A (chip)
134
N/A (chip)
186
0.15
212
N/A (chip)
255
0.30
258
0.18
276
0.13
296
0.35
1056
0.20
1072
0.16
1079
0.13
1088
0.12
144
0.42
Package Parasitic Capacitance


Similar Part No. - MA4P505-1072T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P505-131 MACOM-MA4P505-131 Datasheet
506Kb / 5P
   PIN Diode Chips
More results

Similar Description - MA4P505-1072T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7461F-1072T MA-COM-MA4P7461F-1072T Datasheet
125Kb / 5P
   Packaged PIN Diodes RoHs Compliant
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES_15 Datasheet
389Kb / 7P
   Packaged PIN Diodes
ODS-255 MA-COM-ODS-255 Datasheet
67Kb / 1P
   Packaged PIN Diodes
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES Datasheet
389Kb / 7P
   Packaged PIN Diodes
ODS-255 MA-COM-ODS-255_15 Datasheet
67Kb / 1P
   Packaged PIN Diodes
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
logo
Vishay Siliconix
BPV10 VISHAY-BPV10_08 Datasheet
107Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 08-Sep-08
TEMD1000 VISHAY-TEMD1000_08 Datasheet
238Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.1, 08-Sep-08
logo
M/A-COM Technology Solu...
MA4SPS302 MA-COM-MA4SPS302 Datasheet
107Kb / 4P
   SURMOUNTTM PIN Diode RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com