Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-74-18-1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-74-18-1
Description  Potting Boot
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-74-18-1 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-74-18-1 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
68-13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
For Use With M85049/61
Potting Boot Ring
(Page 30-3)
M85049/74-10-1
Basic Part No.
Shell Size
Geometry
1 = Straight
2 = 90°
C
Min ID
.317
(8.1)
.434
(11.0)
.548
(13.9)
.673
(17.1)
.798
(20.3)
.899
(22.8)
1.024
(26.0)
1.149
(29.2)
1.274
(32.4)
Shell
Size
8
10
12
14
16
18
20
22
24
B Dia
±.005
(.1)
.511
(13.0)
.637
(16.2)
.761
(19.3)
.887
(22.5)
1.013
(25.7)
1.137
(28.9)
1.263
(32.1)
1.387
(35.2)
1.513
(38.4)
TABLE I
D
Max
.766 (19.5)
.922 (23.4)
1.031 (26.2)
1.016 (25.8)
1.016 (25.8)
1.078 (27.4)
1.094 (27.8)
1.094 (27.8)
1.281 (32.5)
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Material: Translucent nylon, mimimum wall thickness .020 (.51).
M85049/74
Potting Boot
A
Min
.450 (11.4)
.450 (11.4)
.450 (11.4)
.450 (11.4)
.450 (11.4)
.450 (11.4)
.550 (14.0)
.550 (14.0)
.550 (14.0)
A
Max
.500
(12.7)
.500
(12.7)
.500
(12.7)
.500
(12.7)
.500
(12.7)
.500
(12.7)
.594
(15.1)
.594
(15.1)
.594
(15.1)
E
Max
1.000 (25.4)
1.125 (28.6)
1.125 (28.6)
1.297 (32.9)
1.375 (34.9)
1.469 (37.3)
1.625 (41.3)
1.703 (43.3)
2.047 (52.0)
F
Min
.110
(2.8)
.200
(5.1)
.290
(7.4)
.400 (10.2)
.490 (12.4)
.590 (15.0)
.730 (18.5)
.860 (21.8)
1.070 (27.2)
A
B
C
D
E
F Min Cross
Section
B
Straight Boot
90° Boot
G
G
Max
.608 (15.4)
.734 (18.6)
.858 (21.8)
.984 (25.0)
1.110 (28.2)
1.234 (31.3)
1.360 (34.5)
1.484 (37.7)
1.610 (40.9)
G


Similar Part No. - M85049-74-18-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-7-1 GLENAIR-M85049-7-1 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-10 GLENAIR-M85049-7-10 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-11 GLENAIR-M85049-7-11 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-12 GLENAIR-M85049-7-12 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-13 GLENAIR-M85049-7-13 Datasheet
85Kb / 2P
   Environmental Backshells
More results

Similar Description - M85049-74-18-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-75-08-1 GLENAIR-M85049-75-08-1 Datasheet
60Kb / 1P
   Potting Boot
M85049-49-5808 GLENAIR-M85049-49-5808 Datasheet
14Kb / 1P
   Potting Boot Ring
M85049-61-08 GLENAIR-M85049-61-08 Datasheet
71Kb / 1P
   Potting Boot Ring
logo
Bud Industries, Inc.
PB-1560 BUD-PB-1560 Datasheet
126Kb / 2P
   POTTING BOXES
logo
List of Unclassifed Man...
GPL1 ETC2-GPL1 Datasheet
113Kb / 1P
   Potting Boxes
4715TS ETC2-4715TS Datasheet
298Kb / 1P
   Metal Blades Potting
logo
T-Global Technology
TG-A09AB TGLOBAL-TG-A09AB Datasheet
499Kb / 1P
   Silicone Potting Compound
20230721
logo
List of Unclassifed Man...
5915PC ETC2-5915PC Datasheet
301Kb / 1P
   Plastic Blades Potting
logo
GETAI ELECTRONICS DEVIC...
HVQD100ME40D GETEDZ-HVQD100ME40D Datasheet
141Kb / 1P
   POTTING TYPE HV SUBASSEMBLY
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
   Flame Retardant Potting Epoxy
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com