Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-85-24W02 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-85-24W02
Description  Banding Backshells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-85-24W02 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-85-24W02 Datasheet HTML 1Page - Glenair, Inc. M85049-85-24W02 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
44-6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/85, AS85049/86, and AS85049/87
Banding Backshells
M85049/85-16 P 02
Basic Part No.:
M85049/85 = Straight
M85049/86 = 45°
M85049/87 = 90°
Shell Size
Entry Size
Finish
N = Electroless Nickel
P = Cadmium Olive Drab over
Electroless Nickel with
Polysulfide Sealant Strips
W = 1,000 Hour Cadmium Olive
Drab Over Electroless Nickel
A Thread
Typ.
C Typ.
1.35 (34.3)
Max
F
E Dia
Band Term. Area
Free of Cadmium,
Knurl or Ridges
Mfr's Option
P Finish Option (Typ.)
Polysulfide Strips
G
H
J
Glenair Connector
Designator F
MIL-DTL-38999 Series I & II,
40M38277, PAN 6433-1, PATT
614, PATT 616,
NFC93422 Series HE308 &
HE309
K Dia
K Dia
Self Locking Coupling


Similar Part No. - M85049-85-24W02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-10 GLENAIR-M85049-8-10 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-11 GLENAIR-M85049-8-11 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-12 GLENAIR-M85049-8-12 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-13 GLENAIR-M85049-8-13 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
More results

Similar Description - M85049-85-24W02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-88-09G02 GLENAIR-M85049-88-09G02 Datasheet
88Kb / 1P
   Banding Backshells
M85049-82-08N02 GLENAIR-M85049-82-08N02 Datasheet
115Kb / 1P
   Banding Backshells
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
logo
C&K Components
MICRO-D CK-COMPONENTS-MICRO-D Datasheet
990Kb / 6P
   Lightweight backshells
logo
Glenair, Inc.
M85049-49-50-1F GLENAIR-M85049-49-50-1F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com