Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS52-0014-TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DS52-0014-TR
Description  Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS52-0014-TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DS52-0014-TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS52-0014-TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS52-0014-TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS52-0014-TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Cost Two-Way GMIC SMT Power Divider
1700 – 2000 MHz
Rev. V4
DS52-0014
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Small Size and Low Profile
• Typical Insertion Loss: 0.6 dB
• Typical Amplitude Balance: 0.2 dB
• 1 Watt Power Handling
• SOT-26 Package
Description
M/A-COM’s DS52-0014 is an IC-based monolithic
power divider using M/A-COM’s GMIC technology in
a low cost SOT-26 plastic package. This 2-way
power divider is ideally suited for applications where
small size, low insertion loss, superior
phase/amplitude tracking and low cost are required.
Typical applications include handsets, base station
switching networks and other communication
applications where size and PCB real estate are at
a premium. Available in Tape and Reel.
The DS52-0014 is fabricated using a passive inte-
grated circuit process. The process features full-chip
passivation for increased performance and reliability.
Ordering Information
Part Number
Package
DS52-0014
Bulk Packaging
DS52-0014-TR
1000 piece reel
Note: Reference Application Note M513 for reel size
information.
Functional Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF1 (OUT)
4
GND
2
GND
5
GND
3
RF2 (OUT)
6
RF IN


Similar Part No. - DS52-0014-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0014-TR MACOM-DS52-0014-TR Datasheet
600Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz
More results

Similar Description - DS52-0014-TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
DS52-0014 MACOM-DS52-0014 Datasheet
600Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz
logo
M/A-COM Technology Solu...
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com