Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83513-08-E01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83513-08-E01
Description  Micro-D Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-08-E01 Datasheet(HTML) 1 Page - Glenair, Inc.

  M83513-08-E01 Datasheet HTML 1Page - Glenair, Inc. M83513-08-E01 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-9
E-Mail: sales@glenair.com
J
MIL-DTL-83513/08 & /09 Micro-D Connectors
Plastic Shell Crimp, Pre-Wired
HOW TO ORDER PLASTIC SHELL PRE-WIRED CRIMP MIL-DTL-83513/08 AND /09 CONNECTORS
Base Part
Number
Slash Number
Insert Arrangement
Wire Type
M83513
/08
Pin Connector
(Plug)
/09
Socket Connector
(Receptacle)
A
B
C
D
E
F
G
Codes A - G specify the
shell size. The number
of contacts is shown
below for reference.
A– 9
B– 15
C– 21
D– 25
E– 31
F– 37
G– 51
M22759/11-26 Teflon®-Insulated Hookup Wire
01 – 18 Inches (457mm), White
02 – 36 Inches (914mm), White
03 – 18 Inches (457mm), 10 Color Repeating
04 – 36 Inches (914mm), 10 Color Repeating
13 – 72 Inches (1829mm), White
14 – 72 Inches (1829mm), 10 Color Repeating
M22759/33-26 Irradiated Tefzel® Insulated Hookup Wire
09 – 18 Inches (457mm), White
10 – 36 Inches (914mm), White
11 – 18 Inches (457mm), 10 Color Repeating
12 – 36 Inches (914mm), 10 Color Repeating
15 – 72 Inches (1829mm), White
16 – 72 Inches (1829mm), 10 Color Repeating
Single Strand Uninsulated Wire
05 – .500 Inch (12.7mm), Gold Plated
06 – 1.000 Inch (25.4mm), Gold Plated
07 – .500 Inch (12.7mm), Tin-Lead Plated(2)
08 – 1.000 Inch (25.4mm), Tin-Lead Plated(2)
Sample Part Number
M83513
/09
— G
12
Micro-D Pre-Wired Pigtails — These connectors feature
gold-plated TwistPin contacts and mil spec crimp
termination. 100% tested and backpotted, ready for use.
Choose the Wire Type To Fit Your Application — For
lightest weight and smallest diameter, select M22759/33
space grade insulated wire.
APPLICATION NOTES
1. Intermatability:
M83513 plastic shell connectors are not intermateable with metal shell M83513 connectors.
2. Tin-Plated Wire:
The next revision of the mil spec is expected to prohibit the use of pure tin. Glenair M83513
connectors do not contain any components exceeding 97% tin.
3. M22759/33 Corrosion:
The M83513 spec contains a cautionary note regarding M22759/33 wire. The wire insulation is known
to cause corrosion to metal parts when stored in a sealed environment. This corrosion has been
observed on M83513 connectors. Glenair has implemented a packaging procedure to minimize or
eliminate this problem. Connectors are individually wrapped with teflon tape, and the unit pack is a
perforated paper envelope. M22759/33 continues to be the preferred wire for space applications.


Similar Part No. - M83513-08-E01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-03-A01C GLENAIR-M83513-03-A01C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
M83513-03-A01N GLENAIR-M83513-03-A01N Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
M83513-03-A01P GLENAIR-M83513-03-A01P Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
M83513-03-A02C GLENAIR-M83513-03-A02C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
M83513-03-A02N GLENAIR-M83513-03-A02N Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
More results

Similar Description - M83513-08-E01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com