Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-36-14N05 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-36-14N05
Description  EMI/RFI Non-Environmental Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-36-14N05 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-36-14N05 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
38-14
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Shell
Size
08
10
12
14
16
18
20
22
24
TABLE I
AS85049/36
EMI/RFI Non-Environmental Backshell
B
E
Length
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodation range for the wire
bundle or cable. Dimensions shown are not intended for inspection
criteria.
M85049/36 10 N 03 A
Basic Part No.
Shell Size
Finish
N = Electroless Nickel
W = 1,000 Hr. Cadmium Olive Drab
Over Electroless Nickel
Length Code (Omit for
Standard)
Clamp Size
A Thread
1.312
(33.3)
Max
Cable
Range
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.312
(7.9)
.437 (11.1)
.562 (14.3)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
Clamp
Size
01
02
03
04
05
06
07
08
09
10
TABLE II
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Shell Size
Series I
Ref.
09
11
13
15
17
19
21
23
25
E
Max
.781 (19.8)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
Cable Range
Max
02
03
04
05
06
07
08
09
10
Clamp Size
(Table IV)
Min
01
01
02
02
02
03
03
03
04
Available
Shell Sizes
08 - 24
08 - 24
14 - 24
20 - 24
Length
Code
Std.
A
B
C
TABLE III
Length
1.50
(38.1)
2.50
(63.5)
3.50
(88.9)
4.50 (114.3)
Glenair Connector
Designator F
MIL-DTL-38999 Series I & II,
40M38277, PAN 6433-1, PATT
614, PATT 616,
NFC93422 Series HE308 &
HE309
A Thread
Class 2B
.438 - 28 UNEF
.562 - 24 UNEF
.688 - 24 UNEF
.813 - 20 UNEF
.938 - 20 UNEF
1.063 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
B Dia
Max
.65 (16.5)
.77 (19.6)
.89 (22.6)
1.02 (25.9)
1.15 (29.2)
1.23 (31.2)
1.36 (34.5)
1.48 (37.6)
1.73 (43.9)


Similar Part No. - M85049-36-14N05

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-36-A GLENAIR-M85049-36-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
More results

Similar Description - M85049-36-14N05

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA005B08 GLENAIR-380AA005B08 Datasheet
99Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA006B08 GLENAIR-380AA006B08 Datasheet
97Kb / 2P
   EMI/RFI Non-Environmental Backshell
380-107 GLENAIR-380-107 Datasheet
235Kb / 2P
   EMI/RFI Non-Environmental Backshell
380-115 GLENAIR-380-115 Datasheet
204Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AC019B08 GLENAIR-380AC019B08 Datasheet
142Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH007B08 GLENAIR-380AH007B08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com