Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-1819N07A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-1819N07A
Description  EMI/RFI Environmental Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-1819N07A Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-1819N07A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
39-17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodation range for the wire
bundle or cable. Dimensions shown are not intended for inspection
criteria.
AS85049/18
EMI/RFI Environmental Backshell
M85049/18 11 N 03 A
Basic Part No.
Shell Size
Finish
N = Electroless Nickel
W = 1,000 Hr. Cadmium Olive Drab
Over Electroless Nickel
Length Code (Table IV,
Omit for Standard)
Clamp Size (Table II & III)
Glenair Connector
Designator H
MIL-DTL-38999
Series III & IV,
EN3645
B
Dia
E
Length
A Thread
F
Cable
Range
O-Ring
B Dia
Max
.75 (19.1)
.85 (21.6)
1.00 (25.4)
1.15 (29.2)
1.25 (31.8)
1.40 (35.6)
1.55 (39.4)
1.65 (41.9)
1.85 (47.0)
Shell
Size
9
11
13
15
17
19
21
23
25
TABLE I
A Thread
Class 2B
M12 X 1 - 6H
M15 X 1 - 6H
M18 X 1 - 6H
M22 X 1 - 6H
M25 X 1 - 6H
M28 X 1 - 6H
M31 X 1 - 6H
M34 X 1 - 6H
M37 X 1 - 6H
Max
02
03
04
05
06
07
08
09
10
Shell
Size
9
11
13
15
17
19
21
23
25
TABLE II
Clamp Size (Table III)
Min
01
01
02
02
02
03
03
03
04
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
Clamp
Size
01
02
03
04
05
06
07
08
09
10
TABLE III
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
E
Max
.781 (19.8)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
Cable Range
F
Max
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.312 (33.3)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.625 (41.3)
1.625 (41.3)
Available
Shell Sizes
9 - 25
9 - 25
15 - 25
21 - 25
Length
Code
Std.
A
B
C
TABLE IV
Length
1.500 (38.1)
2.500 (63.5)
3.500 (88.9)
4.500 (114.3)


Similar Part No. - M85049-1819N07A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-18-A GLENAIR-M85049-18-A Datasheet
253Kb / 1P
   Mounting Flange, Full Perimeter
M85049-18-A GLENAIR-M85049-18-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
M85049-18A-A GLENAIR-M85049-18A-A Datasheet
214Kb / 1P
   Mounting Flange, 3/4 Perimeter
M85049-18B-A GLENAIR-M85049-18B-A Datasheet
214Kb / 1P
   Mounting Flange, 3/4 Perimeter
More results

Similar Description - M85049-1819N07A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
M28840-916WA GLENAIR-M28840-916WA Datasheet
85Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M28840-616WA GLENAIR-M28840-616WA Datasheet
78Kb / 1P
   EMI/RFI Environmental Backshell
M85049-79-09N01 GLENAIR-M85049-79-09N01 Datasheet
79Kb / 1P
   EMI/RFI Environmental Backshell
M28840-816WA GLENAIR-M28840-816WA Datasheet
81Kb / 1P
   EMI/RFI Environmental Backshell
M85049-10-01 GLENAIR-M85049-10-01 Datasheet
102Kb / 4P
   EMI/RFI Environmental Backshell
M85049-1708N01A GLENAIR-M85049-1708N01A Datasheet
79Kb / 1P
   EMI/RFI Environmental Backshell
M85049-76-08N01 GLENAIR-M85049-76-08N01 Datasheet
79Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com