Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83513-04-B04C Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83513-04-B04C
Description  Metal Shell Crimp, Pre-Wired
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-04-B04C Datasheet(HTML) 1 Page - Glenair, Inc.

  M83513-04-B04C Datasheet HTML 1Page - Glenair, Inc. M83513-04-B04C Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-5
E-Mail: sales@glenair.com
J
MIL-DTL-83513/03 & /04 Micro-D Connectors
Metal Shell Crimp, Pre-Wired
HOW TO ORDER METAL SHELL PRE-WIRED CRIMP MIL-DTL-83513 MICRO-D CONNECTORS
Base Part
Number
Slash Number
Shell Size
Wire Type
Shell Finish
M83513
/03
Pin Connector
(Plug)
/04
Socket Connector
(Receptacle)
A
B
C
D
E
F
G
H
Codes A - H specify the
shell size. The number
of contacts is shown
below for reference.
A– 9
B– 15
C– 21
D– 25
E– 31
F– 37
G– 51
H – 100
M22759/11-26 Teflon®-Insulated Hookup Wire
01 – 18 Inches (457mm), White
02 – 36 Inches (914mm), White
03 – 18 Inches (457mm), 10 Color Repeating
04 – 36 Inches (914mm), 10 Color Repeating
13 – 72 Inches (1829mm), White
14 – 72 Inches (1829mm), 10 Color Repeating
M22759/33-26 Irradiated Tefzel® Insulated
Hookup Wire
09 – 18 Inches (457mm), White
10 – 36 Inches (914mm), White
11 – 18 Inches (457mm), 10 Color Repeating
12 – 36 Inches (914mm), 10 Color Repeating
15 – 72 Inches (1829mm), White
16 – 72 Inches (1829mm), 10 Color Repeating
Single Strand Uninsulated Wire
05 – .500 Inch (12.7mm), Gold Plated
06 – 1.000 Inch (25.4mm), Gold Plated
07 – .500 Inch (12.7mm), Tin-Lead Plated(2)
08 – 1.000 Inch (25.4mm), Tin-Lead Plated(2)
C – Cadmium
N – Electroless Nickel
P – Passivated SST
Sample Part Number
M83513
/04
— B
09
N
Micro-D Pre-Wired Pigtails — These connectors feature gold-
plated TwistPin contacts and mil spec crimp termination.
Specify aluminum shells for best availability. 100% tested
and backpotted, ready for use.
Choose the Wire Type To Fit Your Application — For lightest
weight and smallest diameter, select M22759/33 space
grade insulated wire.
APPLICATION NOTES
1. Shell Material & Finish: Cadmium plating offers better corrosion resistance compared to nickel, but cad is not acceptable for
space or RoHS applications. Electroless nickel plated aluminum is recommended for new design activity.
Or, choose stainless steel shells for corrosive environments.
2. Tin-Plated Wire:
The next revision of the mil spec is expected to prohibit the use of pure tin. Glenair M83513 connectors
do not contain any components exceeding 97% tin.
3. M22759/33 Corrosion:
The M83513 spec contains a cautionary note regarding M22759/33 wire. The wire insulation is known to
cause corrosion to metal parts when stored in a sealed environment. This corrosion has been observed
on M83513 connectors. Glenair has implemented a packaging procedure to minimize or eliminate this
problem. Connectors are individually wrapped with teflon tape, and the unit pack is a perforated paper
envelope. M22759/33 continues to be the preferred wire for space applications.


Similar Part No. - M83513-04-B04C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-05-02 GLENAIR-M83513-05-02 Datasheet
114Kb / 1P
   Micro-D Hardware
M83513-05-02 GLENAIR-M83513-05-02 Datasheet
257Kb / 1P
   Stainless Steel Jackscrew Kits
M83513-05-03 GLENAIR-M83513-05-03 Datasheet
114Kb / 1P
   Micro-D Hardware
M83513-05-03 GLENAIR-M83513-05-03 Datasheet
257Kb / 1P
   Stainless Steel Jackscrew Kits
M83513-05-05 GLENAIR-M83513-05-05 Datasheet
114Kb / 1P
   Micro-D Hardware
More results

Similar Description - M83513-04-B04C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
   Pre-wired Sensors (AWG28).
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
   Non pre-wired cable socket
2009-06-08
V16-W PF-V16-W Datasheet
77Kb / 1P
   Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
   Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
   Non pre-wired cable connector
2009-07-02
V16-G PF-V16-G Datasheet
66Kb / 1P
   Non pre-wired cable socket
2007-06-14
logo
CamdenBoss Ltd.
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
logo
Schneider Electric
XZCPA1164L2 SCHNEIDER-XZCPA1164L2 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female -
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com