Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-37-14W06 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-37-14W06
Description  EMI/RFI Non-Environmental Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-37-14W06 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-37-14W06 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
38-15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
C
Dia
G
A Thread
Cable
Range
E
F
1. For complete dimensions see applicable
Military Specification.
2. Metric dimensions (mm) are indicated in
parentheses.
3. Cable range is defined as the accommoda-
tion range for the wire bundle or cable.
Dimensions shown are not intended for
inspection criteria.
AS85049/37
EMI/RFI Non-Environmental Backshells
M85049/37 10 W 03 L
Basic Part No.
Shell Size
Finish
N = Electroless Nickel
W = 1,000 Hr. Cadmium Olive Drab
Over Electroless Nickel
D = 3 Drain Holes
L = Encapsulating Hole
Clamp Size
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.312
(7.9)
.437 (11.1)
.562 (14.3)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
Clamp
Size
01
02
03
04
05
06
07
08
09
10
TABLE III
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
G
Max
.781 (19.8)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
Cable Range
Glenair Connector
Designator F
MIL-DTL-38999 Series I & II,
40M38277, PAN 6433-1,
PATT 614, PATT 616,
NFC93422 Series HE308 &
HE309
Shell
Size
8
10
12
14
16
18
20
22
24
Shell Size
Series I
Ref.
09
11
13
15
17
19
21
23
25
A Thread
Class 2B
.438 - 28 UNEF
.562 - 24 UNEF
.688 - 24 UNEF
.813 - 20 UNEF
.938 - 20 UNEF
1.063 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
C Dia
Max
.65 (16.5)
.77 (19.6)
.89 (22.6)
1.02 (25.9)
1.15 (29.2)
1.23 (31.2)
1.36 (34.5)
1.48 (37.6)
1.73 (43.9)
TABLE I
Hole(s) per
Part
Number
Development
Shell
Size
8
10
12
14
16
18
20
22
24
TABLE II
Shell Size
Series I
Ref.
09
11
13
15
17
19
21
23
25
E
Max
.72
(18.3)
.72
(18.3)
.80
(20.3)
.85
(21.6)
.91
(23.1)
1.00
(25.4)
1.05
(26.7)
1.10
(27.9)
1.20
(30.5)
F
Max
2.50 (63.5)
2.50 (63.5)
2.56 (65.0)
2.69 (68.3)
2.81 (71.4)
3.03 (77.0)
3.19 (81.0)
3.31 (84.1)
3.31 (84.1)
Clamp Size
Min
Max
01
02
01
03
02
04
02
05
02
06
03
06
03
07
03
08
04
09


Similar Part No. - M85049-37-14W06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-37-A GLENAIR-M85049-37-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
More results

Similar Description - M85049-37-14W06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-1909N01A GLENAIR-M85049-1909N01A Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshells
M85049-23-01 GLENAIR-M85049-23-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
M85049-25-01 GLENAIR-M85049-25-01 Datasheet
109Kb / 4P
   EMI/RFI Non-Environmental Backshells
M85049-24-01 GLENAIR-M85049-24-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
M85049-6-01 GLENAIR-M85049-6-01 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com